Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 48 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 48 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 52Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 47 of 107
Power Accumulation
Figure 61 shows how AWATT low-pass filtered active power
samples are accumulated to provide an accurate active power
value in the AWATT_ACC register. The sign of the Phase A
total active power accumulation is monitored in the REVAPA bit
and interrupts can be enabled if the power changes sign. There
are corresponding x_ACC accumulations for each power on
each phase and REVx status bits in the STATUS0 register to
indicate if the power changes sign.
Power Accumulation Details
Figure 61 shows how AWATT values are accumulated into an
internal power accumulator and then are latched into the
xWATT_ACC register at a rate of PWRRDY.
PWRRDY is set after (PWR_TIME + 1) 4 kSPS samples
accumulate. The power accumulation time can be calculated
according to the following equation:
Internal Power Accumulation Time (sec) =


4000
1
_ TIME
PWR
The PWR_TIME[12:0] register allows up to (8191 + 1) =
8192 samples to be accumulated, which corresponds to
8192/4000 = 2.048 sec.
Internal Power Accumulation Time (sec) =
sec
048
.
2
4000
1
8191
The internal power accumulator overflows at the same rate as
the internal energy accumulator (see the Internal Energy
Register Overflow Rate section).
Accessing the User Power Registers
The user accessible signed power accumulator is a 32-bit
register that contains 32 MSBs of internal power accumulator,
x_ACC, as shown in Figure 67.
0
INTERNAL POWER ACCUMULATOR
41
31
+
+
31
0
AWATT_ACC
fDSP
13
AWATT
Figure 67. Internal Power Register to AWATT_ACC
Calculate the expected AWATT_ACC according to the
following formula based on the average AWATT value:
Internal Power Accumulation = AWATT × (PWR_TIME + 1)
Thus, AWATT_ACC is the 32 MSBs, which can be calculated by
rounding the following equation down to the nearest whole
number:
AWATT_ACC = ROUNDDOWN(User Power
Accumulation × 2−13)
where ROUNDDOWN()is a function to round down to the
nearest integer.
For example, if 4000 samples of AWATT are accumulated at
4 kSPS with full-scale inputs, the expected value of
AWATT_ACC is 0x009B 0003.
User Power Accumulation = 20,823,646 × (3999 + 1) =
83,294,584,000
AWATT_ACC = ROUNDDOWN(83,294,584,000 × 2−13) =
10,167,795 = 0x009B 25F3
Note that W/LSB varies with PWR_TIME accumulation time.
Power Sign Detection
The REVRPC, REVRPB, REVRPA, REVAPC, REVAPB, and
REVAPA bits in the STATUS0 register allow the user to monitor
if the active or reactive power on any phase has changed sign.
The PWR_SIGN_SEL bit allows the user to select whether the
power sign change follows the total or fundamental energies. To
track total active power, set the REVAPx power sign status bits,
PWR_SIGN_SEL = 0. To track fundamental VAR on the
REVRPx bits, write PWR_SIGN_SEL = 1.
The CVARSIGN, CWSIGN, BVARSIGN, BWSIGN, AVARSIGN,
and AWSIGN bits in the PHSIGN register indicate whether the
total or fundamental VAR selected in the PWR_SIGN_SEL bit
is positive or negative.
The power signs are updated at the same time as the
xWATT_ACC, xVAR_ACC, and xFVAR_ACC registers and
correspond to the sign of these registers. Note that the power
registers and signs are updated after the number of 4 kSPS
samples configured in the PWR_TIME register have elapsed,
from 500 μs to 2.048 sec. The power sign change indication in
the REVxPx bits are updated at the same time (see the Power
Accumulation Details section for more information).
The ADE9078 allows the user to accumulate total active power
and VAR powers into separate positive and negative registers:
PWATT_ACC and NWATT_ACC, PVAR_ACC and NVAR_ACC.
This accumulation is done by evaluating the AWATT, low-pass
filtered active power every 4 kSPS. If AWATT is positive, it is
added to the PWATT_ACC accumulation. If AWATT is negative,
the absolute value is added to the NWATT_ACC accumulation.
A new accumulation from zero begins after the power update
interval set in PWR_TIME has elapsed. The positive and
negative total active power and total VAR from all three phases
are added into the positive/negative active power and VAR
accumulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com