Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 25 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 25 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 21Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 22Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 23Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 29Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 24 of 107
The output data rates are summarized in Table 7.
Table 7. Output Data Rates
Parameter
Data Rate
CLKIN Frequency
12.288 MHz
ADC Modulator Clock, MODCLK
1.024 MHz
Sinc4, SINC_ODR
16 kHz
Low-Pass Filter
4 kHz
Bandwidth (Pass Band)
0.672 kHz
The ADC data in the waveform buffer is stored as 32-bit data by
shifting left by 4 bits and sign extending, as shown in Figure 36.
ADC_DATA[23:0]
0000
SE
Figure 36. Format for the ADC Data Stored in the Waveform Buffer,
x_SINC_DAT and x_LPF_DAT Registers
The expected output code from the sinc4 filter when input is at 1 V
peak is 4,190,000 decimal (d), which corresponds to a value of
67,110,000d in the waveform buffer. The expected output code
from the decimator filter when input is at 1 V peak is 4,660,000d,
which corresponds to a value of 74,520,000d in the waveform
buffer (see the Waveform Buffer section for more information).
Voltage Reference
The ADE9078 supports a 1.25 V internal reference. The
temperature drift of the reference voltage is ±5 ppm/°C typical,
±20 ppm/°C maximum. An external reference can be connected
between the REF and REFGND pins. Set the EXT_REF bit of
the CONFIG1 register when using an external voltage reference,
which disables the internal reference buffer.
CRYSTAL OSCILLATOR/EXTERNAL CLOCK
The ADE9078 contains a crystal oscillator. Alternatively, a digital
clock signal can be applied at the CLKIN pin of the ADE9078.
When a crystal is used as the clock source for the ADE9078,
attach the crystal and the ceramic capacitors, with capacitances
of CL1 and CL2, as shown in Figure 37. It is not recommended to
attach an external feedback resistor in parallel to the crystal.
When a digital clock signal is applied at the CLKIN pin, the
inverted output is available at the CLKOUT pin. This output is
not buffered internally and cannot drive any other external
devices directly. Note that CLKOUT is available in the PSM0
and PSM1 operating modes only.
P1
L1
CLKIN
CLKOUT
29
30
P2
L2
1.75kΩ
2.5kΩ
CIN1
CIN2
12.288MHz
Figure 37. Crystal Application Circuit
Crystal Selection
The transconductance of the crystal oscillator circuit in the
ADE9078, gm, is provided in Table 1. It is recommended to have
three to five times more gm than the calculated gmCRITICAL for the
crystal.
The following equation shows how to calculate the gmCRITICAL for
the crystal from information given in the crystal data sheet:
gmCRITICAL = 4 × ESRMAX × 1000 × (2π × fCLK(Hz))2 × (C0 + CL)2
where:
gmCRITICAL is the minimum gain required to start the crystal in mA/V.
ESRMAX is the maximum electrical series resistance (ESR),
expressed in Ω.
fCLK (Hz) is 12.288 MHz, expressed in Hz as 12.288 × 106.
C0 is the maximum shunt capacitance, expressed in farads.
CL is the total load capacitance, expressed in farads.
Crystals with low ESR and smaller load capacitance have a
lower gmCRITICAL and are easier to drive.
The evaluation board of the ADE9078 uses a crystal manufactured
by Abracon (ABLS-12.288MHZ-L4Q-T), which has a maximum
ESR of 50 Ω, a load capacitance of 18 pF, and a maximum shunt
capacitance of 7 pF, which results in a gmCRITICAL of 0.75 mA/V, as
follows:
gmCRITICAL = 4 × ESRMAX × 1000 × (2π × fCLK(Hz))2 × (C0 + CL)2
gmCRITICAL = 4 × 50 × 1000 × (2π × 12.288 × 106)2 × (7 ×
10−120+ 18 × 10−12)2 = 0.75 mA/V
The gain of the crystal oscillator circuit in the ADE9078, the gm,
provided in Table 1 is more than 5 × gmCRITICAL; thus, there is
sufficient margin to start up this crystal.
Load Capacitor Calculation
Crystal manufacturers specify the combined load capacitance
across the crystal, CL. The capacitances in Figure 37 can be
described as follows:
CP1 and CP2 are the parasitic capacitances on the clock pins
formed due to PCB traces.
CIN1 and CIN2 are the internal capacitances of the CLKIN
and CLKOUT pins, respectively.
CL1 and CL2 are the selected load capacitors to reach the
correct combined CL for the crystal.
The internal pin capacitances, CIN1 and CIN2, are 4 pF each, as
given in Table 1. To find the values of CP1 and CP2, measure the
capacitance on each of the clock pins of the PCB, CLKIN, and
CLKOUT, respectively, with respect to the AGND pin. If the
measurement is performed after soldering the IC to the PCB,
subtract the 4 pF internal capacitance of the clock pins to
determine the actual value of parasitic capacitance on each of the
crystal pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com