Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 43 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 43 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 43Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 44Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 45Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 47Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 42 of 107
Energy Accumulation Details
Internal Energy Register Overflow Rate
There are 42-bit internal signed energy accumulators for each
phase of each energy accumulation, as shown in Figure 61. These
accumulators update at a rate of fDSP = 4 kSPS. To calculate the
time until the internal accumulator overflows with full-scale
inputs and all digital gain and offset factors at zero, use the
following equation.
Maximum Internal Energy Accumulator Time (sec) =
×
DSP
f
SCALE
FULL
AT
AWATT
_
_
_
241
where AWATT_AT_FULL_SCALE refers to the nominal
AWATT value with full-scale inputs.
For example, with MTEN = 0, for single-point gain compensation
and AIGAIN, AVGAIN, APGAIN, and AWATTOS all equal to
zero, the Phase A total active energy has a digital gain of 1.
Thus, the Phase A total active energy accumulated in the
internal accumulator overflows in 26.4 sec with the nominal
full-scale AWATT value of 20,823,646.
Maximum Internal Energy Accumulator Time (sec) =
sec
4
.
26
4000
20,823,646
241
=
×
User Energy Register Update Rate, EGYRDY
As shown in Figure 61, the internal energy accumulator is
latched into a user accessible energy register or added to a user
accessible register at a rate of EGYRDY. Figure 63 further shows
how the EGYRDY update rate is generated.
The EGYRDY update rate occurs after EGY_TIME + 1 fDSP samples
or EGY_TIME + 1 half line cycles, according to the EGY_TMR_
MODE bit in the EP_CFG register.
If EGY_TMR_MODE = 0, select the sample-based
accumulation as follows:
Internal Energy Accumulator Time (sec) =
+
DSP
f
TIME
EGY
1
_
The EGY_TIME[12:0] register allows up to (8191 + 1) =
8192 samples to be accumulated, which corresponds to
8192/4000 = 2.048 sec if EGY_TMR_MODE = 0.
Internal Energy Accumulator Time (sec) =
sec
048
.
2
4000
1
8191
=
+
If EGY_TMR_MODE = 1, select the half line cycle-based
accumulation as follows:
Internal Energy Accumulator Time (sec) =


+
RATE
ZX
TIME
EGY
_
1
_
With a 50 Hz line frequency and a zero-crossing interrupt rate
of 100 Hz, the maximum accumulation time is 81.92 sec with
EGY_TIME equal to 0x1FFF (8191d).
Internal Energy Accumulator Time (sec) =
92
.
81
100
1
8191
=
+
If EGY_TMR_MODE = 1, the zero-crossing source to monitor
is selected in the ZX_SEL bits in the ZX_LP_SEL register, as
shown in Figure 63.
Note that the internal energy register overflows in 26.4 sec with
full-scale inputs so EGY_TIME must be set lower than 2640d to
prevent overflow when EGY_TMR_MODE = 1.
ENERGY
POWER
0
ZX_SEL
1
11
10
ZXVA
ZXVB
ZXVC
ZXCOMB
00
01
CF3_CFG
CF3 0
1
EGY_TMR_MODE
CF3/ZXPIN
COUNTER
EGY_TIME[12:0] + 1
EQUAL?
EGYRDY UPDATERATE
EGYRDY
COUNTER
PWR_TIME[12:0] + 1
EQUAL?
PWRRDY UPDATE RATE
PWRRDY
fDSP
fDSP
Figure 63. EGYRDY and PWRRDY Update Rates
Reloading or Accumulating User Energy Register
When an EGYRDY event happens, the internal energy
accumulation is either directly loaded into the xWATTHR
register or added to the existing accumulation based on the
state of the EGY_LD_ACCUM bit in the EP_CFG register.
If EGY_LD_ACCUM = 0, the internal energy register is added
to the user accessible energy register. If EGY_LD_ACCUM = 1,
the internal energy register overwrites the user accessible
energy register.
Finally, the internal energy accumulator resets and starts
counting again from zero.
User Energy Register Overflow Rate
There are 45-bit user accessible signed energy accumulators for
each phase of each energy accumulation. These accumulators
update at a rate according to EGYRDY, as described in the User
Energy Register Update Rate, EGYRDY section. The following
equation shows how to calculate the time until the user
accessible accumulator overflows with full-scale inputs and all
digital gain and offset factors at zero. For this example, assume
that the energy register is updating at every fDSP = 4 kSPS sample.
Maximum User Energy Accumulator Time (sec) =
×
DSP
f
SCALE
FULL
AT
AWATT
_
_
_
244
where AWATT_AT_FULL_SCALE refers to the nominal
AWATT value with full-scale inputs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com