Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 34 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 34 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 38Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 33 of 107
HPF
IN
IN
+1V
ANALOG INPUT RANGE
0V
–1V
ADE9078
PHASE
COMP
CURRENT RMS
(xIRMS)
INTEGRATOR
IB = –IA–IC
ADC_
REDIRECT
MUX
TOTAL ACTIVE AND
REACTIVE POWER
CALCULATION
FUNDAMENTAL
REACTIVE POWER
CALCULATION
CURRENT PEAK
DETECTION
TOTAL VA
POWER
CALCULATION
NOT AVAILABLE IN ADE9078 PSM1
NOTE: ACC MODE.ICONSEL ONLY AFFECTS IB CHANNEL CALCULATION
CURRENT CHANNEL (IA, IB, IC)
ICONSEL*
INTEN
HPFDIS
xIGAINx
xIGAIN
MTEN
IF MTEN = 1,
xIGAINx, PHASE COMP CHANGES BASED ON
xIRMS, MTTHR_Lx AND MTTHR_Hx
0: xIGAINx = xIGAIN0; PHASE COMP = xPHCAL0
1: xIGAINx = xIGAIN1; PHASE COMP = xPHCAL1
2: xIGAINx = xIGAIN2; PHASE COMP = xPHCAL2
3: xIGAINx = xIGAIN3; PHASE COMP = xPHCAL3
4: xIGAINx = xIGAIN4; PHASE COMP = xPHCAL4
xIRMS
xI_PCF
0xFBFF FB90 =
–67,110,000
SINC4 OUTPUT (xI_SINC_DAT)
DATA RANGE
0x0400 0470 =
+67,110,000
0x0471 15C0 =
+74,520,000
SINC4 + IIR LPF (xI_LPF_DAT)
DATA RANGE
0xFB8E EA40 =
–74,520,000
0x0474 E650 =
+74,770,000
CURRENT CHANNE L (xI_PCF)
DATA RANGE
0xFB8B 19B0 =
–74,770,000
Figure 51. Current Channel with Multi-Point Gain and Phase Correction
xVGAIN
HPF
VOLTAGE PEAK
DETECTION
REFERENCE
Σ-∆
MODULATOR
VP
VIN
VIN
+1V
ANALOG INPUT RANGE
0V
–1V
VN
ADE9078 VOLTAGE CHANNEL
SINC4
LPF
4:1
WF_SRC
WF_CAP_SEL
HPFDIS
xV_PCF
ADC_
REDIRECT
MUX
TOTAL ACTIVE AND
REACTIVE POWER
CALCULATION
ZX_SRC_SEL
ZX DETECTION
TOTAL VOLTAGE RMS
VA POWER
CALCULATIONS
FUNDAMENTAL
REACTIVE POWER
CALCULATIONS
NOTE: CONSEL SUPPORTS SEVERAL 3-WIRE AND 4-WIRE HARDWARE CONFIGURATIONS
100
VA = VA – VB;
VB = VA – VC;
VC = VC – VB;
VB = –VA
VB = –VA – VC
VB = VA – VC
011
010
001
000
RESAMPLED WAVEFORM
DATA RANGE
0V
0V
0V
0xFBFF_FB90 =
–67,110,000
0x0471_15C0 =
+74,520,000
0x0474_E650 =
+74,770,000
0V
VOLTAGE CHANNE L (xV_PCF)
DATA RANGE
SINC4 + IIR LPF (xV_LPF_DAT)
DATA RANGE
SINC4 OUTPUT (xV_SINC_DAT)
DATA RANGE
0x0400_0470 =
+67,110,000
0x46B4 =
+18,100
0xB94C =
–18,100
0xFB8B_19B0 =
–74,770,000
0xFB8E_EA40 =
–74,520,000
WAVEFORM
BUFFER
RESAMPLING
VCONSEL*
4 kSPS
NOT AVAILABLE IN ADE9078 PSM1
Figure 52. Voltage Channel Datapath



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com