Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 38 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 38 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 42Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 37 of 107
at full scale and in phase with each other, with the ISUM_CFG = 01
then ISUMRMS is 4 × 52,866,837d = 211,467,348d.
To receive an indication if ISUMRMS exceeds a threshold,
configure ISUMLVL. The MISMTCH bit in STATUS0 and
associated interrupt indicate if there is a change in the
relationship between ISUMRMS and ISUMLVL.
Calculate the desired value of ISUMLVL according to the
following equation:
=
X
SCALE
FULL
xIRMS
ISUMLVL
_
_
where:
xIRMS_FULL_SCALE is the nominal xIRMS value with full-
scale inputs, 52,866,837.
X is the desired current level to indicate a MISMTCH error. For
example, set the ISUMLVL to warn about a rms of sum of
instantaneous currents greater than 10,000:1 from full scale, X =
10,000.
Total Active Power
Total active power is commonly used for billing purposes. It
includes power on the fundamental and on the harmonics.
Figure 55 shows how the low-pass filtered total active power on
Phase A is calculated. First, the AI_PCF and AV_PCF waveforms
are multiplied together. Then, the result is low-pass filtered,
unless DISAPLPF = 1. Finally, the APGAIN is applied to perform
a gain correction and the AWATTOS value is applied to correct
the active power offset.
APGAIN
AWATTOS
AWATT
LPF2
DISAPLPF
AI_PCF
AV_PCF
ENERGY/
POWER/
CF ACCUMULATION
Figure 55. Total Active Power (AWATT) Calculation
Figure 56 shows the relationship between the I and V input
signals and the instantaneous active power and low-pass filtered
active power, assuming that I and V are at full scale with just the
fundamental present and a power factor of 1.
If DISAPLPF = 1, AWATT reflects the instantaneous active
power and if it is 0, AWATT reflects the low-pass filtered active
power in Figure 56, assuming that APGAIN = 0 and
AWATTOS = 0.
–0.062%
+0.062%
LOW-PASS FILTERED
ACTIVE POWER
20,823,646
0
INSTANTANEOUS
ACTIVE POWER
I, V FUNDAMENTAL
INPUT SIGNAL
Figure 56. Instantaneous Active Power and Low-Pass Filtered Active Power at
a Power Factor of 1
The low-pass filter, LPF2, extracts the total active power,
attenuating harmonics of a 50 Hz or 60 Hz fundamental by
64 dB so that at full scale, the variation in the low-pass filtered
active power is very small, ±0.062%.
The resulting AWATT signal has an update rate of 4 kSPS and a
bandwidth of 1.6 kHz, as given in Table 1.
Phase B and Phase C have similar datapaths to those described
for AWATT to calculate BWATT and CWATT, with individual
gain and phase coefficients, BPGAIN and BWATTOS, and
CPGAIN, and CWATTOS.
The xPGAIN register has the same scaling as the xIGAIN
register (see the equations in the Current Channel Gain,
xIGAIN section).
Note that for a given phase,
|Current Channel Gain × Voltage Channel Gain ×
Power Gain| ≤ 3.75
xWATTOS has the same scaling as xWATT. To understand how
xWATTOS affects the xWATT value, use the following
equation:


=
X
SCALE
FULL
xWATT
xWATTOS
_
_
1
where:
xWATT_FULL_SCALE is the nominal xWATT value with full-
scale inputs, 20,823,646. Note that xVAR and VA have the same
scaling, so the same equation can be used for all three offsets.
X is the smallest power level to calibrate. For example, to
calibrate the energy at 10,000 from full scale, X = 10,000.
%
05
.
0
000
,
10
20,823,646
1
=
=
xWATTOS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com