Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 50 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 50 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 46Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 49 of 107
The ZX_SRC_SEL in the CONFIG0 register sets whether data
going into the zero-crossing detection circuit comes before or
after the high-pass filter, integrator, and phase compensation.
By default, the data after phase compensation is used. Note that
the high-pass filter has settling times given in Table 10. Thus, for
a fast response, it is recommended to set ZX_SRC_SEL to look for
a zero crossing before the high-pass filter. If the high-pass filter
is disabled with HPFDIS = 1 or if ZX_SRC_SEL = 1, note that a
dc offset on the input may cause the time between negative to
positive and positive to negative zero crossings and positive to
negative to negative to positive zero crossings to change,
indicating that the ZX detection does not have a 50% duty cycle.
The current and voltage signals are low-pass filtered to remove
harmonics. The low-pass filter, LPF1, has a corner of 85 Hz and
the equation is as follows:
( ) 1–
3
–
3
–
1
–
1
2
)
(
z
z
H
=
The low-pass filter settling time is 51 samples, 51/4 kSPS, which
results in 12.75 ms.
Figure 70 shows the delay between the detected zero-crossing
signal and the input. Note that there is a 4.3 ms delay between
the input signal zero crossing and the ZX zero crossing indication,
with a 50 Hz input signal. Zero crossings are generated on both
negative to positive and positive to negative transitions.
IA, IB, IC,
ORVA, VB, VC
4.3ms AT 50Hz
1
0.86
0V
ZX
ZX
ZX
ZX
LPF1 OUTPUT
Figure 70. Zero Crossing Detection on Voltage and Current Channels
To provide protection from noise, voltage channel zero-crossing
events (ZXVA, ZXVB, and ZXVC) are not generated if the absolute
value of the LPF1 output voltage is smaller than the threshold,
ZXTHRSH. The current channel zero-crossing detection outputs
(ZXIA, ZXIB, and ZXIC) are active for all input signals levels.
Calculate the voltage channel zero-crossing threshold,
ZXTHRSH, from the following equation:
ZXTHRSH =
(
) (
)
8
2
32
_
×
×
×
X
n
Attenuatio
LPF1
Scale
Full
at
PCF
V
where:
V_PCF at Full Scale is ±74,680,000d.
LPF1 Attenuation is 0.86 at 50 Hz, and 0.81 at 60 Hz, the gain
attenuation of the LPF1 filter.
X is the dynamic range below which the voltage channel zero-
crossing must be blocked.
For example, assume that the full-scale input corresponds to
440 V rms. To prevent signals 100× lower than full scale (signals
smaller than 4.4 V rms) from generating a voltage channel zero-
crossing output, set ZXTHRSH to 78d.
(
) (
)
d
78
2
32
100
86
.
0
000
,
680
,
74
8
=
×
×
×
=
ZXTHRSH
Additionally, to prevent false zero crossings after a zero crossing
is generated, 1 ms must elapse before the next zero crossing can
be output.
Combined Voltage Zero Crossing
Phase A, Phase B, and Phase C voltage channel signals are
combined to generate one zero-crossing signal, ZX_COMB,
which is stable even if one or more phases drops out.
The input to the zero-crossing detection is (VA + VB − VC)/2
with the signal chain corresponding to Figure 71. As described
in the Applications Information section, the ADE9078 can meter
different polyphase configurations. The VCONSEL bits indicate
this selection. If VCONSEL is not equal to 0, the VB component
in the combined zero-crossing circuit is set to zero.
Use the same precautions to prevent noise from generating
zero-crossing interrupts on this output. As described in the
Zero-Crossing Detection section, signals below the ZXTHRSH
threshold do not generate ZXCOMB outputs, and a minimum
of 1 ms is required between ZXCOMB generations.
Zero-Crossing Output Rates
Seven zero-crossing detection circuits monitor the IA, IB, IC,
VA, VB, VC, and the combined (VA + VB − VC)/2 signals. The
zero-crossing detection circuits have two output rates: 4 kSPS
and 512 kSPS. The 4 kSPS zero-crossing signal is used to
calculate the line period, sent to the ZXx bits in the STATUS1
register, and is monitored by the zero-crossing timeout, phase
sequence error detection, resampling, and energy accumulation
functions. The 512 kSPS signal is used for angle measurements
and is output on the CF3/ZX pin if the CF3_CFG bit in the
CONFIG1 register = 1.
Table 21 indicates which zero-crossing edges (negative to
positive and positive to negative) are used for each function and
indicates what happens if a zero crossing is blocked because the
input signal is below the user configured ZXTHRSH.
The CF3/ZX output pin goes from low to high when a negative
to positive transition is detected and from high to low when a
positive to negative transition occurs. The ZX_SEL bits in the
ZX_LP_SEL register select the zero-crossing output used for
line cycle energy accumulation and the ZX output pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com