Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 60 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 60 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 56Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 57Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 58Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 59Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 60Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 61Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 62Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 63Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 64Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 59 of 107
APPLYING THE ADE9078 TO A 3-WIRE DELTA
SERVICE
For the highest level of performance when measuring a 3-wire delta
service, connect Phase B to ground, as shown in Figure 91. For this
configuration, write VCONSEL = 001 in the ACCMODE register.
Then, VB = VA − VC and the ADE9078 calculates the VAC potential
in the BVRMS register. To calculate the current flowing through IB
from the IA and IC measurements, set ICONSEL = 1 in the
ACCMODE register so that IB = −IA − IC.
VBC 220V
VC
90°
0.353V
90°
3
VBA 220V
VA
30°
0.353V
30°
3
VAC 220V
VB
150°
0.353V
150°
3
VCONSEL = 001
VA, VB, VC
VAP
VBP
VCP
VAN
AGND
DGND
VBN
VCN
220V
–120°
220V
120°
PHASE C
PHASE A
PHASE B
220V
0°
Figure 91. 3-Wire Delta, Phase B Connected to Ground
Note that for this 3-wire delta, Phase B connected to ground
configuration, the phasor diagram of the AV_PCF, BV_PCF, and
CV_PCF waveforms inside the ADE9078 IC, shown in Figure 92,
is shifted compared to the service diagram given in Figure 84.
CV_PCF
AI_PCF
AV_PCF
CI_PCF
BI_PCF
BV_PCF
VCONSEL = 1
180°
0°
270° LAGGING
90° LAGGING
Figure 92. Phasor Diagram of xV_PCF and xI_PCF Waveforms Inside the IC
with 3-Wire Delta with Phase B as Ground and VCONSEL = 001
To use the same PCB for both 4-wire wye and 3-wire delta circuits,
another option is to wire Phase B to the neutral terminal of the
meter, keeping the same circuit as used in Figure 89 or Figure 90.
Note that VCONSEL bits in the ACCMODE register must be
set to 001 if it is desired to obtain the VAC rms value, which is
calculated in the BVRMS register, and to use the correct phase
sequence detection method for the 3-wire delta configuration.
To calculate the current flowing through IB from the IA and IC
measurements, set ICONSEL = 1 in the ACCMODE register so
that IB = −IA − IC.
Alternatively, a series impedance can be used on Phase B, as
shown in Figure 93. This configuration can be advantageous if
an isolated power supply is used; however, it has poor performance
if the phase voltages are not balanced. Use VCONSEL = 100 with
this configuration so that VA = VA − VB; VB = VA − VC; and VC =
VC − VB. To calculate the current flowing through IB from the IA
and IC measurements, set ICONSEL = 1 so that IB = −IA − IC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com