Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 10 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 10 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 11Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 12Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 13Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 9 of 107
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 3.
Parameter
Rating
VDD to GND
−0.3 V to +3.96 V
Analog Input Voltage to GND,
IAP, IAN, IBP, IBN, ICP, ICN, VAP, VAN
VBP, VBN, VCP, VCN
−1.9 V to +2 V
Reference Input Voltage to REFGND
−0.3 V to +2 V
Digital Input Voltage to GND
−0.3 V to VDD + 0.3 V
Digital Output Voltage to GND
−0.3 V to VDD + 0.3 V
Operating Temperature
Industrial Range
−40°C to +85°C
Storage Temperature Range
−65°C to +150°C
Lead Temperature (Soldering, 10 sec)1
260°C
ESD
Human Body Model2
4 kV
Machine Model3
200 V
Field Induced Charged Device Model
(FICDM) 4
1.25 kV
1
Analog Devices recommends that reflow profiles used in soldering RoHS
compliant devices conform to J-STD-020D.1 from JEDEC. Refer to JEDEC for
the latest revision of this standard.
2
Applicable standard: ANSI/ESDA/JEDEC JS-001-2014.
3
Applicable standard: JESD22-A115-A (ESD machine model standard of
JEDEC).
4
Applicable Standard JESD22-C101F (ESD FICDM standard of JEDEC).
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
THERMAL RESISTANCE
Thermal performance is directly linked to printed circuit board
(PCB) design and operating environment.
Careful attention to PCB thermal design is required.
Table 4. Thermal Resistance
Package Type
θJA
θJC
Unit
CP-40-71
27.14
3.13
°C/W
1
Test Condition 1: The junction to air measurement uses a 2S2P JEDEC test board
with 4 × 4 standard JEDEC vias. The junction to case measurement uses a 1S0P
JEDEC test board with 4 × 4 standard JEDEC vias. See JEDEC standard JESD51-2.
ESD CAUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com