Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 97 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 97 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 93Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 94Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 95Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 96Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 97Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 98Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 99Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 100Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 101Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 96 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
6
ZXTOVA
Set this bit to set an interrupt when there is a zero
crossing timeout on Phase A. This means that a
zero crossing on the Phase A voltage is missing.
0x0
R/W
5
RESERVED
Reserved.
0x0
R
4
RFNOLOAD
Set this bit to set an interrupt when one or more
phase total reactive energy enters or exits the no
load condition.
0x0
R/W
3
RESERVED
Reserved.
0x0
R
2
VANLOAD
Set this bit to set an interrupt when one or more
phase total apparent energy enters or exits the no
load condition.
0x0
R/W
1
RNLOAD
Set this bit to set an interrupt when one or more
phase total reactive energy enters or exits the no
load condition.
0x0
R/W
0
ANLOAD
Set this bit to set an interrupt when one or more
phase total active energy enters or exits the no
load condition.
0x0
R/W
0x407 EVENT_MASK
[31:17] RESERVED
Reserved.
0x0
R
16
DREADY
Set this bit to enable the EVENT pin to go low
when new waveform samples are ready. The
update rate depends on the data selected in the
WF_SRC bits in the WFB_CFG register.
0x0
R/W
15
RESERVED
Reserved.
0x0
R
14
RFNOLOAD
Set this bit to enable the EVENT pin to go low
when one or more phases of fundamental reactive
energy accumulation goes into no load.
0x0
R/W
13
RESERVED
Reserved.
0x0
R
12
VANLOAD
Set this bit to enable the EVENT pin to go low
when one or more phases of total apparent
energy accumulation goes into no load.
0x0
R/W
11
RNLOAD
Set this bit to enable the EVENT pin to go low
when one or more phases of total reactive energy
accumulation goes into no load.
0x0
R/W
10
ANLOAD
Set this bit to enable the EVENT pin to go low
when one or more phases of total active energy
accumulation goes into no load.
0x0
R/W
9
REVPSUM4
Set this bit to enable the EVENT pin to go low to
indicate if the last CF4 pulse was from negative
energy. This bit is updated when a CF4 pulse is
output, when the CF4 pin goes from high to low.
0x0
R/W
8
REVPSUM3
Set this bit to enable the EVENT pin to go low to
indicate if the last CF3 pulse was from negative
energy. This bit is updated when a CF3 pulse is
output, when the CF3 pin goes from high to low.
0x0
R/W
7
REVPSUM2
Set this bit to enable the EVENT pin to go low to
indicate if the last CF2 pulse was from negative
energy. This bit is updated when a CF2 pulse is
output, when the CF2 pin goes from high to low.
0x0
R/W
6
REVPSUM1
Set this bit to enable the EVENT pin to go low to
indicate if the last CF1 pulse was from negative
energy. This bit is updated when a CF1 pulse is
output, when the CF1 pin goes from high to low.
0x0
R/W
[5:0]
RESERVED
Reserved.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com