Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 28 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 28 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 24Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 25Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 26Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 27Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 28Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 27 of 107
Reset
If the RESET pin goes low for 1 μs, the AVDD and DVDD LDOs
turn off. The power on sequence resumes from the point where
the AVDD and DVDD LDOs are turned on (see the Power-On
Sequence section for details). A software reset is initiated by
writing the SWRST bit in the CONFIG1 register, which resets
the digital logic and takes ~60 μs to complete.
For applications that require putting the ADE9078 into a low
power mode, it is recommended to use PSM3. In this mode, the
ADE9078 consumes approximately 2 μA, much lower than the
100 μA current consumption obtained when the ADE9078
RESET pin is held low (see Table 1 for the exact PSM3 current
consumption).
Changing to PSM2 or PSM3
The state of the PM1 and PM0 pins is continuously monitored.
If the power mode changes from PSM0 or PSM1 to PSM2 or
PSM3 (PM1, PM0 = 10 or 11) for 1 μs, the AVDD and DVDD
LDOs are turned off. When the power mode switches back to
PSM0 or PSM1, the power on sequence resumes from the point
where AVDD and DVDD LDOs are turned on (see the Power-
On Sequence section for details).
MEASUREMENTS (NORMAL MODE)
The ADE9078 offers per phase total IRMS and VRMS as well as
total active power, VAR, VA, and fundamental VAR powers. The
instantaneous low-pass filtered powers can be accumulated into
power or energy registers and are available in pulsed outputs,
CF1 through CF4.
Power quality information, such as zero-crossing detection, line
period, and angle measurements, is also available.
A waveform buffer stores samples directly from the ADC,
calculated resampled data, or processed current and voltage
samples.
The measurements described are available in PSM0, the normal
operating mode. A reduced set of features is available in PSM1
and PSM2 (see the Power Modes section for more details on
these operating modes).
SINC4
AND
DECIMATION
AVDD
LDO
DVDD
LDO
SPI
1.25V
REFERENCE
TEMP
SENSOR
CF1
TO CF4
IRQ0
IRQ1
SPI
PM1
PM0
ADE9078
PGA
ADC
PGA
ADC
SAR
AVAILABLE IN PSM0
AVAILABLE IN PSM2
DISABLED IN PSM1
PGA
ADC
PGA
ADC
PGA
ADC
PGA
ADC
PGA
ADC
METROLOGY FEATURES
(PER PHASE)
IRMS, VRMS
ACTIVE POWER, VA
YX, ANGLE
WAVEFORM BUFFER
ENERGY/POWER/CF
ACCUMULATION
LINE FREQUENCY
ETC.
LOW
POWER
COMPARATOR
Figure 40. Features Available in Each Operating Mode
Current Channel
The current channel datapath for IA, IB, and IC is shown in
Figure 41. The current channel ADC waveforms can be sampled
at the sinc4 output in the xI_SINC_DAT registers at 16 kSPS, or
further decimated by an IIR low-pass filter in the xI_LPF_DAT
registers at 4 kSPS. Gain and phase compensation are applied,
creating the xI_PCF instantaneous current waveforms that update
at 4 kSPS. The xI_PCF waveforms are used for total active power,
VAR, IRMS, VA, and fundamental VAR calculations. The xI_PCF
value is also monitored in the current peak detection circuit. The
rms of the sum of instantaneous currents measurement uses the
AI_PCF, BI_PCF, and CI_PCF current channel waveforms to
calculate the neutral current or ro calculate the net vector current
sum including the neutral current measurement, NI_PCF (see
the Neutral Current RMS, RMS of Sum of Instantaneous Currents
section for more information). Finally, the angle measurements
indicate the time between the current channel zero crossing and
the voltage channel zero crossing on the same phase or current
channels on the other phases, updating at 512 kSPS in the
ANGLx_x registers.
The neutral current channel, Channel IN, offers a neutral
current sum rms and is used in an rms of instantaneous current
measurement, as shown in Figure 42. For more information
about these calculations, see the Neutral Current RMS, RMS of
Sum of Instantaneous Currents section. Channel IN offers a
gain calibration (NIGAIN) and a phase calibration (NPHCAL).
The digital integrator on Channel IN is enabled by setting the
ININTEN bit in the CONFIG0 register. Note that the Channel IN
neutral current modulator is turned off in PSM1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com