Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 94 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 94 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 90Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 91Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 92Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 93Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 94Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 95Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 96Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 97Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 98Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 108 page
background image
Data Sheet
ADE9078
Rev. 0| Page 93 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x404 EVENT_STATUS [31:17] RESERVED
Reserved.
0x0
R
16
DREADY
This bit changes from a one to a zero when new
waveform samples are ready. The update rate
depends on the data selected in the WF_SRC bits
in the WFB_CFG register.
0x0
R
15
RESERVED
Reserved.
0x0
R
14
RFNOLOAD
This bit is set when the fundamental reactive
energy accumulations in all phases are out of no
load. This bit goes to zero when one or more
phases of fundamental reactive energy
accumulation goes into no load.
0x0
R
13
RESERVED
Reserved.
0x0
R
12
VANLOAD
This bit is set when the total apparent energy
accumulations in all phases are out of no load. This
bit goes to zero when one or more phases of total
apparent energy accumulation goes into no load.
0x0
R
11
RNLOAD
This bit is set when the total reactive energy
accumulations in all phases are out of no load. This
bit goes to zero when one or more phases of total
reactive energy accumulation goes into no load.
0x0
R
10
ANLOAD
This bit is set when the total active energy
accumulations in all phases are out of no load. This
bit goes to zero when one or more phases of total
active energy accumulation goes into no load.
0x0
R
9
REVPSUM4
This bit indicates the sign of the last CF4 pulse. A
zero indicates that the pulse was from negative
energy and a one indicates that the energy was
positive. This bit is updated when a CF4 pulse is
output, when the CF4 pin goes from high to low.
0x0
R
8
REVPSUM3
This bit indicates the sign of the last CF3 pulse. A
zero indicates that the pulse was from negative
energy and a one indicates that the energy was
positive. This bit is updated when a CF3 pulse is
output, when the CF3 pin goes from high to low.
0x0
R
7
REVPSUM2
This bit indicates the sign of the last CF2 pulse. A
zero indicates that the pulse was from negative
energy and a one indicates that the energy was
positive. This bit is updated when a CF2 pulse is
output, when the CF2 pin goes from high to low.
0x0
R
6
REVPSUM1
This bit indicates the sign of the last CF1 pulse. A
zero indicates that the pulse was from negative
energy and a one indicates that the energy was
positive. This bit is updated when a CF1 pulse is
output, when the CF1 pin goes from high to low.
0x0
R
[5:0]
RESERVED
Reserved.
0x0
R
0x405 MASK0
[31:25] RESERVED
Reserved.
0x0
R
24
MISMTCH
Set this bit to enable an interrupt when there is a
change in the relationship between ISUMRMS and
ISUMLVL.
0x0
R/W
23
COH_WFB_FULL
Set this bit to enable an interrupt when the
waveform buffer is full with resampled data, which
is selected when WF_CAP_SEL = 0 in the WFB_CFG
register.
0x0
R/W
22
WFB_TRIG
Set this bit to enable an interrupt when one of the
events configured in WFB_TRIG_CFG occurs.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com