Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 81 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 81 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 77Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 78Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 79Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 80Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 81Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 82Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 83Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 84Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 80 of 107
Addr.
Name
Description
Len
(Bits)
Reset
Access
0x06A
MTTHR_H4
Multipoint phase/gain threshold--see MTTHR_L0 for more information.
32
0x00000000
R/W
0x06B
NIRMSOS
Neutral current rms offset for NIRMS calculation.
32
0x00000000
R/W
0x06C
ISUMRMSOS
Offset correction for ISUMRMS calculation based on the sum of IA + IB +
IC ± IN.
32
0x00000000
R/W
0x06D
NIGAIN
Neutral current gain adjust.
32
0x00000000
R/W
0x06E
NPHCAL
Neutral current phase compensation.
32
0x00000000
R/W
0x071
VNOM
Nominal phase voltage rms used in the computation of apparent power,
xVA, when VNOMx_EN bit is set in the CONFIG0 register.
32
0x00000000
R/W
0x072
DICOEFF
Value used in the digital integrator algorithm. If the integrator is turned
on, with INTEN or ININTEN equal to one in the CONFIG0 register, it is
recommended to set this value to 0xFFFFE000.
32
0x00000000
R/W
0x073
ISUMLVL
Threshold to compare ISUMRMS against. Configure this register to receive
a MISMTCH indication in STATUS0 if ISUMRMS exceeds this threshold.
32
0x00000000
R/W
0x20A
AI_PCF
Instantaneous Phase A current channel waveform processed by the DSP, at
4 kSPS.
32
0x00000000
R
0x20B
AV_PCF
Instantaneous Phase A voltage channel waveform processed by the DSP,
at 4 kSPS.
32
0x00000000
R
0x20C
AIRMS
Phase A filter based current rms value, updates at 4 kSPS.
32
0x00000000
R
0x20D
AVRMS
Phase A filter based voltage rms value, updates at 4 kSPS.
32
0x00000000
R
0x210
AWATT
Phase A low-pass filtered total active power, updated at 4 kSPS.
32
0x00000000
R
0x211
AVAR
Phase A low-pass filtered total reactive power, updated at 4 kSPS.
32
0x00000000
R
0x212
AVA
Phase A total apparent power, updated at 4 kSPS.
32
0x00000000
R
0x214
AFVAR
Phase A fundamental reactive power, updated at 4 kSPS.
32
0x00000000
R
0x216
APF
Phase A power factor, updated at 1.024 sec.
32
0x00000000
R
0x21D
AMTREGION
If multipoint gain and phase compensation is enabled, with MTEN = 1 in
the CONFIG0 register, these bits indicate which AIGAINx and APHCALx is
currently being used.
32
0x0000000F
R
0x22A
BI_PCF
Instantaneous Phase B current channel waveform processed by the DSP, at
4 kSPS.
32
0x00000000
R
0x22B
BV_PCF
Instantaneous Phase B voltage channel waveform processed by the DSP,
at 4 kSPS.
32
0x00000000
R
0x22C
BIRMS
Phase B filter based current rms value, updates at 4 kSPS.
32
0x00000000
R
0x22D
BVRMS
Phase B filter based voltage rms value, updates at 4 kSPS.
32
0x00000000
R
0x230
BWATT
Phase B low-pass filtered total active power, updated at 4 kSPS.
32
0x00000000
R
0x231
BVAR
Phase B low-pass filtered total reactive power, updated at 4 kSPS.
32
0x00000000
R
0x232
BVA
Phase B total apparent power, updated at 4 kSPS.
32
0x00000000
R
0x234
BFVAR
Phase B fundamental reactive power, updated at 4 kSPS.
32
0x00000000
R
0x236
BPF
Phase B power factor, updated at 1.024 sec.
32
0x00000000
R
0x23D
BMTREGION
If multipoint gain and phase compensation is enabled, with MTEN = 1 in
the COFIG0 register, these bits indicate which BIGAINx and BPHCALx is
currently being used.
32
0x0000000F
R
0x24A
CI_PCF
Instantaneous Phase C current channel waveform processed by the DSP, at
4 kSPS.
32
0x00000000
R
0x24B
CV_PCF
Instantaneous Phase C voltage channel waveform processed by the DSP,
at 4 kSPS.
32
0x00000000
R
0x24C
CIRMS
Phase C filter based current rms value, updates at 4 kSPS.
32
0x00000000
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com