Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 7 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 7 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 10Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 6 of 107
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Channel Drift (PGA, ADC,
Internal Voltage Reference)
±7
±25
ppm/°C
PGA = 1, internal VREF
±7
±25
ppm/°C
PGA = 2, internal VREF
±7
±25
ppm/°C
PGA = 4, internal VREF
Differential Input Impedance (DC)
330
366
kΩ
See the Terminology section, PGA = 1
160
180
kΩ
PGA = 2
80
90
kΩ
PGA = 4
INTERNAL VOLTAGE REFERENCE
Nominal 1.25 V ±1 mV
Voltage Reference
1.250
V
TA = 25°C, REF pin
Temperature Coefficient2
±5
±20
ppm/°C
TA = −40°C to +85°C
EXTERNAL VOLTAGE REFERENCE
 
External Voltage Reference Input
Voltage (REF)
1.2, 1.25
V
REFGND must be tied to GND, AGND, and
DGND; 1.25 V external reference is preferred;
the full-scale values mentioned in this data
sheet are for a voltage reference of 1.25 V
Average Reference Current
120
μA/V
CRYSTAL OSCILLATOR
CLKIN = 12.288 MHz ± 30 ppm (see the
Crystal Oscillator/External Clock section)
Input Clock Frequency
12.165
12.288
12.411
MHz
Internal Capacitance on CLKIN
and CLKOUT
4
pF
Internal Feedback Resistance
Between CLKIN and CLKOUT
 
2.5
MΩ
Transconductance (gm)
9
mA/V
EXTERNAL CLOCK INPUT
Input Clock Frequency
12.165
12.288
12.411
MHz
Duty Cycle2
45:55
50:50
55:45
%
CLKIN Logic Inputs
3.3 V tolerant
Input Voltage
High, VINH
1.2
V
VDD = 2.7 V to 3.63 V
Low, VINL
0.5
V
VDD = 2.7 V to 3.63 V
LOGIC INPUTS
PM0, PM1, RESET, MOSI, SCLK,
and SS
Input Voltage
High, VINH
 
2.4
V
VDD = 2.7 V to 3.63 V
Low, VINL
0.8
V
VDD = 2.7 V to 3.63 V
Input Current, IIN
15
μA
VIN = 0 V
Internal Capacitance, CIN
10
pF
LOGIC OUTPUTS
MISO, IRQ0, and IRQ1
VDD = 2.97 V to 3.63 V
Output Voltage
High, VOH
 
2.4
V
ISOURCE = 4 mA
Low, VOL
0.8
V
ISINK = 4 mA
Internal Capacitance, CIN
10
pF
CF1, CF2, CF3, and CF4
VDD = 2.97 V to 3.63 V
Output Voltage
High, VOH
2.4
V
ISOURCE = 8 mA
Low, VOL
0.8
V
ISINK = 8 mA
Internal Capacitance, CIN
10
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com