Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 33 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 33 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 29Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 30Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 31Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 32Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 33Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 34Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 32 of 107
Using the equations in the Phase Compensation section, it can
be seen that at 60 Hz, the voltage channel delay is 5.4°, as follows:
°
=
°
×
=
4
.
5
360
4000
60
(Degrees)
Delay
Channel
Voltage
This calculation leads to a phase calibration range of −15° to
+5.4° at 60 Hz.
Note that this phase compensation is equivalent to a delay or
advance in time. As the line frequency varies, the applied phase
compensation varies as well according to the phase correction
equation.
Multipoint Gain and Phase Calibration
The ADE9078 allows the current channel gain and phase
compensation to vary as a function of the calculated input
current rms amplitude in xIRMS, which is useful to correct for
the nonlinearities of current transformer sensors to achieve
very high meter accuracy, for example in Class 0.2 meters.
Multipoint Gain and Phase
The current channel gain, xIGAIN, is applied regardless of the
xIRMS input signal level. This gain compensates for the
nominal gain error of the current channel, including the current
transformer and burden resistors. If multipoint gain and phase
compensation is enabled, an additional current gain value is
applied based on the xIRMS value to compensate for the
current transformer gain shift over input signal amplitude. The
current channel datapath is shown in Figure 51.
If multipoint gain and phase compensation is enabled, with
MTEN = 1 in the CONFIG0 register, an additional gain factor,
xIGAIN0 through xIGAIN4, is applied based on the xIRMS
current rms amplitude and the MTTHR_Lx and MTTHR_Hx
register values, as shown in Figure 50.
The applied current channel phase compensation varies based
on the xIRMS input signal level as well if multipoint gain and
phase compensation is enabled.
GAIN,
PHASE
CORRECTION
MTTHR_L1 ,
MTTHR_H0
MTTHR_H4 =
FULL SCALE
MTTHR_L0
= 0
REGION0
REGION1
REGION2
REGION3
REGION4
MTTHR_L2,
MTTHR_H1
MTTHR_L3,
MTTHR_H2
MTTHR_L4,
MTTHR_H3
xIGAIN4
xPHCAL4
xIGAIN3
xPHCAL3
xIGAIN2
xPHCAL2
xIGAIN1
xPHCAL1
xIGAIN0
xPHCAL0
X
X
X
X
X
Figure 50. Multipoint Gain and Phase Calibration
The MTTHR_Lx and MTTHR_Hx registers set up the regions
in which to apply each set of corrections, allowing hysteresis.
The decision of which coefficients to apply is done according to
the following rules:
If xIRMS >MTTHR_H[current_region]
If current_region ≤ 3
Current_region++;
Else If xIRMS < MTTHR_L[current_region]
If current_region ≥ 1
current_region--;
xIGAIN = xIGAIN[current_region];
xPHCAL = xPHCAL[current_region];
xMTREGION = current_region;
For example, if AIRMS goes above MTTHR_H2, the gain and
phase correction is set to AIGAIN3 and APHCAL3,
respectively. Then, if AIRMS goes below MTTHR_L3, the gain
and phase correction is set to AIGAIN2 and APHCAL2.
For proper operation, the value of the registers must be
increasing such that MTTHR_L0 < MTTHR_L1 <
MTTHR_H0 < MTTHR_L2 < MTTHR_H1 < MTTHR_L3 <
MTTHR_H2 < MTTHR_L4 < MTTHR_H3 < MTTHR_H4.
The following example configuration uses two regions, such
that Region 0 is used from 0 A to 20A and Region 1 is used
from 22 A to full scale:
•
MTTHR_L0 = 0
•
MTTHR_L1 = 0x95 9AC1 (20 A for this meter)
•
MTTHR_H0 = 0xA4 90A2 (22 A for this meter)
•
MTTHR_L2 = 0x7FFFFFFFE (maximum positive
threshold − 1)
•
MTTHR_H1 = 0x7FFFFFFFF (maximum positive
threshold)
The xMTREGION registers indicate the current region for each
phase and correspondingly, which xIGAINx and xPHCALx
coefficients are being applied.
Multipoint phase and gain calibration is disabled by default. To
enable it, set the MTEN bit in the CONFIG0 register.
Single-Point Gain and Phase
When multipoint gain and phase calibration is disabled, single-
point gain and phase calibration is allowed.
In this case, the xIGAIN register is applied. No additional current
channel gain is applied based on the xIRMS amplitude.
When multipoint gain and phase calibration is disabled, the
xPHCAL0 phase compensation is always applied regardless of
the xIRMS value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com