Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 39 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 39 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 35Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 36Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 37Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 38Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 39Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 40Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 41Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 42Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 43Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 38 of 107
Then, each bit in the xWATTOS register can correct an error of
0.05% at 10,000:1. Note that in most applications, the total
active power performance with small inputs is sufficient with
xWATTOS at zero.
Table 15 shows the settling times for total active power for a
50 Hz signal.
Table 15. Total Active Power Settling Time
Total Active Power Settling Time (sec)
Configuration
FS = 99%
FS = 99.90%
Integrator On, HPF On,
and LPF2 On
0.85
1.2
Integrator Off, HPF On,
and LPF2 On
0.85
1.2
Integrator Off, HPF On,
and LPF2 Off
0.06
0.66
Total Reactive Power
Total reactive power includes reactive power on the fundamental
and on the harmonics. The current channel, AI_PCF, is shifted
by 90° at the fundamental and at all harmonics. Then, this signal is
multiplied by the voltage waveform, AV_PCF. Then the result is
low-pass filtered, unless DISRPLPF = 1. Finally the APGAIN is
applied to perform a gain correction and the AVAROS value is
applied to correct the VAR offset. Note that, in most applications,
the total reactive power performance with small inputs is
sufficient with AVAROS at zero.
Figure 57 shows how the total reactive power calculation is
performed.
APGAIN
AVAROS
AVAR
LPF2
DISRPLPF
AI_PCF
AV_PCF
ENERGY/
POWER/
CF ACCUMULATION
90 DEGREE
PHASE SHIFT
π
2
Figure 57. Total Reactive Power (AVAR) Calculation
The total reactive power at a power factor of 0 has a similar ripple
to the total active power at a power factor of 1 (see Figure 56).
The resulting AVAR signal has an update rate of 4 kSPS and a
bandwidth of 1.6 kHz, as given in Table 1.
Phase B and Phase C have similar datapaths to those described
for AVAR to calculate BVAR and CVAR, with individual gain
and phase coefficients, BPGAIN and BVAROS, and CPGAIN
and CVAROS.
XVAROS has the same scaling as xVAR (see the Total Active
Power section to understand how to calculate this register value).
It is possible to disable total reactive power by setting the
VAR_DIS register. Note that the run register must be set to 0
before changing the VAR_DIS setting and must then be set to 1
again.
Table 16 shows the settling times for total reactive power for a
50 Hz signal.
Table 16. Total Reactive Power Settling Time
Total Reactive Power Settling Time (sec)
Configuration
FS = 99%
FS = 99.90%
Integrator On, HPF
On, and LPF2 On
0.85
1.19
Integrator Off, HPF
On, and LPF2 On
0.85
1.19
Integrator Off, HPF
On, and LPF2 Off
0.02
0.07
Total Apparent Power
Apparent power is generated by multiplying the current rms
measurement, xIRMS by the corresponding voltage rms, xVRMS
and then applying a gain correction, APGAIN. The result is stored
in the AVA register. Note that the offset of the total apparent
power calculation is performed by calibrating the AIRMS and
AVRMS measurements, using the AIRMSOS and AVRMSOS
registers (see the Filter-Based Total RMS section for more
information on the rms calculation).
The resulting AVA signal has an update rate of 4 kSPS and a
bandwidth of 1.6 kHz, as given in Table 1.
Phase B and Phase C have similar datapaths to those described
for AVA to calculate BVA and CVA, with individual gain
coefficients, BPGAIN and CPGAIN.
In some applications, if a tamper is detected on the voltage channel
inputs, it is desirable to accumulate the apparent energy assuming
that the voltage were at a nominal level. The ADE9078 offers a
register (VNOM) that can be set to a value to correspond to
240 V rms. If the VNOMx_EN bits in the CONFIG0 register
are set, VNOM is multiplied by xIRMS when calculating xVA.
Table 17 shows the settling times for total apparent power for a
50 Hz signal.
Table 17. Total Apparent Power Settling Time
Configuration
Total Apparent Power Settling Time,
FS = 99% (sec)
Integrator On, HPF On,
and LPF2 On
1.09
Integrator Off, HPF On,
and LPF2 Off
0.96
AIRMSOS
APGAIN
AIRMSOS
AIRMS
AVA
AVRMS
VNOM
LPF2
AI_PCF
x2
215
215
LPF2
AI_PCF
ENERGY/
POWER/
CF ACCUMULATION
1
x2
0
Figure 58. Total Apparent Power (AVA) Calculation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com