Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 89 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 89 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 85Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 86Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 87Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 88Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 89Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 90Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 91Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 92Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 88 of 107
REGISTER DETAILS
Table 32. Register Details
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
0x060 CONFIG0
[31:14] RESERVED
Reserved.
0x0
R
13
DISRPLPF
Set this bit to disable the low-pass filter in the total
reactive power datapath.
0x0
R/W
12
DISAPLPF
Set this bit to disable the low-pass filter in the total
active power datapath.
0x0
R/W
11
ININTEN
Set this bit to enable the digital integrator in the
Neutral Current channel.
0x0
R/W
10
VNOMC_EN
Set this bit to use the nominal phase voltage rms,
VNOM, in the computation of Phase C total
apparent power, CVA.
0x0
R/W
9
VNOMB_EN
Set this bit to use the nominal phase voltage rms,
VNOM, in the computation of Phase B total
apparent power, BVA.
0x0
R/W
8
VNOMA_EN
Set this bit to use the nominal phase voltage rms,
VNOM, in the computation of Phase A total
apparent power, AVA.
0x0
R/W
7
RESERVED
Reserved.
0x0
R
6
ZX_SRC_SEL
This bit selects whether data going into the zero-
crossing detection circuit comes before the high-
pass filter, integrator, and phase compensation or
afterwards.
0x0
R/W
0 After the high-pass filter, integrator, and phase
compensation.
1 Before the high-pass filter, integrator, and phase
compensation.
5
INTEN
Set this bit to enable the integrators in the phase
current channels. The neutral current channel
integrator is managed by the ININTEN bit in the
CONFIG0 register.
0x0
R/W
4
MTEN
Set this bit to enable multipoint phase and gain
compensation. If enabled, an additional gain
factor, xIGAIN0 through xIGAIN4, is applied to the
current channel based on the xIRMS current rms
amplitude and the MTTHR_Lx and MTTHR_Hx
register values.
0x0
R/W
3
HPFDIS
Set this bit to disable high-pass filters in all the
voltage and current channels.
0x0
R/W
2
RESERVED
Reserved.
0x0
R
[1:0]
ISUM_CFG
ISUM Calculation configuration.
0x0
R/W
00 ISUM = AI_PCF + BI_PCF + CI_PCF (for
approximated neutral current rms calculation).
01 ISUM = AI_PCF + BI_PCF + CI_PCF + NI_PCF (to
determine mismatch between neutral and phase
currents).
10 ISUM = AI_PCF + BI_PCF + CI_PCF - NI_PCF (to
determine mismatch between neutral and phase
currents).
11 ISUM = AI_PCF + BI_PCF + CI_PCF (for
approximated neutral current rms calculation).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com