Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 51 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 51 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 47Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 48Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 49Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 50Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 51Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 52Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 53Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 54Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 50 of 107
HPF
ZX DETECTION,
LINE PERIOD
CALCULATION
LPF1
PHASE
COMP
HPFDIS
HPFDIS
HPFDIS
ZX_SRC_SEL
AV_PCF
PHASE A
PHASE B
PHASE C
(VA + VB – VC)/2
HPF
ZX_SRC_SEL
BV_PCF
HPF
PHASE
COMP
ZX_SRC_SEL
CV_PCF
÷ 2
VCONSEL[2:0]
0
PHASE
COMP
Figure 71. Combined Zero-Crossing Detection
xx_PCF
LPF1
ZX_SRC_SEL
ZX DETECTION
ANGLE MEASUREMENT
ZX OUTPUT ON CF3/ZX PIN
fDSP
CLKIN/24UPDATE
÷32
ZX INDICATION IN STATUS1
ZERO-CROSSING TIMEOUT
PHASE SEQUENCE ERROR DETECTION
RESAMPLING, ENERGY ACCUMULATION
LINE PERIOD
Figure 72. Zero-Crossing Output Rates
Table 21. Zero Crossing Use in Other Functions
Functions Using
Zero Crossing
ZX Transitions
Used
Corresponding
STATUS1 Bits
Selecting Which Phase to
Use for Measurement
Effect if ZX Does Not Occur
ZX Indication in
STATUS1 Register
Negative to
positive and
positive to
negative
ZXIA, ZXIB, ZXIC,
ZXVA, ZXVB,
ZXVC, and
ZXCOMB
Not applicable
The ZXx bit is latched in STATUS1. If it is
cleared, it is not set again. A ZXx interrupt
does not occur.
Zero-Crossing
Timeout
Negative to
positive and
positive to
negative
ZXTOVA,
ZXTOVB, and
ZXTOVC
Not applicable
Zero-crossing timeout is indicated by the
ZXTOVx bits in the STATUS1 register and an
interrupt can be enabled to occur.
Phase Sequence
Error Detection
Depends on
VCONSEL setting
SEQERR
Not applicable
If one to two ZX events are missing, SEQERR
is generated. If all ZX events are missing, the
SEQERR bit is not set.
Energy
Accumulation
Negative to
positive and
positive to
negative
Not applicable
ZX_SEL selects the zero-
crossing output used for
line cycle energy
accumulation and ZX
output pin
Line cycle accumulation does not update.
Line Period
Measurement
Negative to
positive
Not applicable
One line period
measurement per phase
(APERIOD, BPERIOD,
CPERIOD, COMPERIOD)
Coerced to default value of 0x00500000 if
SELFREQ = 0 for a 50 Hz network or
0x0042AAAB if SELFREQ = 1 for a 60 Hz
network.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com