Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 6 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 2Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 3Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 4Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 5Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 6Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 7Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 8Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 9Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 108 page
background image
Data Sheet
ADE9078
Rev. 0 | Page 5 of 107
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
PSM1 Active Power
0.2
%
Accuracy achieved 40 ms after entering
PSM1 mode at 600:1
PSM2 Peak Current Detection
5
%
Accuracy of current detection threshold,
achieved 120 ms after entering PSM2 mode
at 660:1
ADC
See the ADC section
PGA Gain Settings (GAIN)
1, 2, or 4
V/V
PGA gain setting is referred to as GAIN
Differential Input Voltage Range
(VxP − VxN, IxP − IxN)
−1/GAIN
+1/GAIN
V
0.707 V rms; when VREF = 1.25 V, this
voltage corresponds to 53 million codes
Maximum Operating Voltage on
Analog Input Pins (VxP, VxN,
IxP, and IxN)
−0.6
0.6
V
Voltage on the pin with respect to
ground (GND = AGND = DGND =
REFGND), VREF = 1.25 V
Signal-to-Noise Ratio (SNR)2
VIN = full scale/gain; see the Terminology
section
PGA = 1
101
dB
4 kSPS sinc4 + infinite impulse response
(IIR) low-pass filter (LPF) output
97
dB
16 kSPS sinc4 output
PGA = 4
97
dB
4 kSPS sinc4 + IIR LPF output
94
dB
16 kSPS sinc4 output
Total Harmonic Distortion (THD)2
See the Terminology section
PGA = 1
−106
dB
4 kSPS sinc4 + IIR LPF output
−106
dB
16 kSPS sinc4 output
PGA = 4
−115
dB
4 kSPS sinc4 + IIR LPF output
−112
dB
16 kSPS sinc4 output
Signal-to-Noise and Distortion
Ratio (SINAD)2
See the Terminology section
PGA = 1
100
dB
4 kSPS sinc4 + IIR LPF output
96
dB
16 kSPS sinc4 output
PGA = 4
96
dB
4 kSPS sinc4 + IIR LPF output
93
dB
16 kSPS sinc4 output
Spurious-Free Dynamic Range
(SFDR)2
See the Terminology section
PGA = 1
110
dB
4 kSPS sinc4 + IIR LPF output
Output Pass Band (−0.1 dB)
See the Terminology section
Sinc4 Outputs
0.672
kHz
16 kSPS sinc4 output
Sinc4 + IIR LPF Outputs
0.672
kHz
4 kSPS output
Output Bandwidth (−3 dB)2
See the Terminology section
Sinc4 Outputs
3.6325
kHz
16 kSPS sinc4 output
Sinc4 + IIR LPF Outputs
1.6
kHz
4 kSPS output
Crosstalk2
−120
dB
See the Terminology section, at 50 Hz
and 60 Hz
AC Power Supply Rejection
Ratio (AC PSRR)2
−120
dB
See the Terminology section, at 50 Hz
and 60 Hz
AC Common-Mode Rejection
Ratio (AC CMRR)2
−115
dB
At 100 Hz and 120 Hz
Gain Error
±0.3
±1
%
See the Terminology section
Gain Drift2
±3
ppm/°C
See the Terminology section
Offset
±0.36
±3.8
mV
See the Terminology section
Offset Drift2
0
±6
μV/°C
See the Terminology section



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com