Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 75 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 75 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 71Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 72Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 73Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 74Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 75Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 76Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 77Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 78Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 79Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 74 of 107
INTERRUPTS/EVENTS
The ADE9078 has three pins (IRQ0, IRQ1, and CF4/EVENT/
DREADY) that can be used as interrupts to the host processor.
The IRQ0 and IRQ1 pins go low when an enabled interrupt
occurs and stay low until the event is acknowledged by setting
the corresponding status bit in the STATUS0 and STATUS1
registers, respectively. The EVENT function, which is multiplexed
with the CF4 and DREADY options on the CF4/EVENT/
DREADY pin, tracks the state of the enabled signals and goes
low and high with these internal signals. The EVENT function is
especially useful for measuring the duration of events, such as
no load, externally.
INTERRUPTS (IRQ0 AND IRQ1)
The IRQ0 and IRQ1 pins are managed by 32-bit interrupt mask
registers, MASK0 and MASK1, respectively. Every event that
can generate an interrupt has a corresponding bit in the MASK0
or MASK1 register and STATUS0 or STATUS1 register.
To enable an interrupt, set the corresponding bit in the MASK0
or MASK1 register. To disable an interrupt, the corresponding
bit in MASK0 or MASK1 must be cleared.
The STATUS0 and STATUS1 registers indicate if an event that
can generate an interrupt has occurred. If the corresponding bit
in the MASK0 or MASK1 register is set, an interrupt is generated
on the corresponding IRQ0 or IRQ1 pin, and the pin goes low.
To determine the source of the interrupt, read the corresponding
STATUS0 or STATUS1 register and identify which enabled bits
are set to 1. To acknowledge the event and clear bits in the
STATUSx register, write to the STATUSx register with the
desired bit positions set to 1. Then, the corresponding IRQ0 or
IRQ1 pin goes high.
For example, if a zero crossing occurs on the Phase A voltage input
and the ZXVA bit is set in the MASK1 register, the IRQ1 pin goes
low, indicating that an enabled event has occurred. To acknowledge
the event, write a 1 to the ZXVA bit in the STATUS1 register and
then the IRQ1 goes high. The ZXVA bit in the STATUS1 register is
set regardless of whether the ZXVA bit is enabled in the MASK1
register.
There are a few interrupts that are nonmaskable, meaning that
they are generated even if the corresponding bit in the MASKx
register is 0. These nonmaskable interrupts include RSTDONE
and ERROR0.
There is an option to combine all the interrupts onto a single
interrupt pin, IRQ1, instead of using two pins, IRQ0 and IRQ1.
To activate this option, set the IRQ0_ON_IRQ1 bit in the
CONFIG1 register. When IRQ0_ON_IRQ1 = 1, IRQ1 indicates
both IRQ0 and IRQ1 events, and IRQ0 indicates IRQ0 events.
EVENT
The EVENT function is multiplexed with CF4 and DREADY on
the CF4/EVENT/DREADY pin. To enable the EVENT function
to be output on this pin, write CF4_CFG = 10 in the CONFIG1
register.
The EVENT_MASK register manages which signals are
incorporated into the EVENT pin. All of these events sources
are maskable and disabled by default.
Events are enabled by setting the corresponding mask bit to 1 in
the EVENT_MASK register. The EVENT pin goes low whenever
one of the enabled events occurs and stay lows until all the enabled
signals go high. Then, the EVENT pin goes high. The logic level
of the EVENT output is solely dependent on the enabled events;
it cannot be changed by the user. Note that the status sources that
generate the EVENT signal are not latched—if one event source is
selected, the EVENT pin tracks the status of that source.
STATUS BITS IN ADDITIONAL REGISTERS
Several interrupts are used in conjunction with other status
registers.
No Load
The RFNOLOAD, VANLOAD, and ANLOAD bits in the
MASK1 register function in conjunction with additional status
bits in the PHNOLOAD register.
The following bits in the MASK0 register work with the status
bits in the PHSIGN register: REVAPx, REVRPx, and REVPSUMx
See Table 32 for more information when the corresponding bits
are set in the STATUSx register.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com