Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 69 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 69 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 65Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 66Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 67Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 68Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 69Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 70Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 71Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 72Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 73Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 68 of 107
There are 256 (2048/8) sample sets that can be stored in the
buffer. In the ADE9078, the sinc4 outputs at 16 kSPS so the
buffer can contain (256/16,000) = 16 ms of data from the sinc4
filter. The sinc4 + IIR LPF samples and DSP processed xI_PCF
and xV_PCF waveform samples are filled at 4 kHz, and the
buffer can contain 64 ms (256/4000) of this data.
When used with fixed data rate samples, the waveform buffer is
divided into 16 pages, Page 0 to Page 15. Each page contains 128
32-bit memory locations. Figure 108 illustrates this arrangement.
PAGE 15
0x800
0x880
0x87F
0x900
0x8FF
0x980
0x97F
0x9FF
0xFFF
0xF80
0xF7F
0xF00
0xEFF
PAGE 14
PAGE 3
PAGE 2
PAGE 1
PAGE 0
Figure 108. Waveform Buffer Page Arrangement—for Fixed Data Rate
Samples Only
Waveform Buffer Filling Indication—Fixed Data Rate
Samples
The WFB_PG_IRQEN register allows the user to monitor if
specific pages are filled, with one bit available per page. For
example, if Bit 0 and Bit 3 of WFB_PG_IRQEN is set, the user
receives an indication when Address 0x87F has been written,
when Page 0 is full, and when Address 0x9FF has been written,
meaning that Page 3 is full. The PAGE_FULL bit of the STATUS0
register is set to 1 when a page enabled in the WFB_PG_IRQEN
register is filled. The user can enable an interrupt to occur on IRQ0
when the PAGE_FULL bit is set by setting the PAGE_FULL bit in
the STATUS0 register.
The WFB_LAST_PAGE bits in the WFB_TRG_STAT register
indicate which page was filled last when filling with fixed data
rate samples.
FIXED DATA RATE WAVEFORMS FILLING AND
TRIGGER-BASED MODES
The waveform buffer offers the following different filling modes
to be used with fixed data rate samples:
Stop when buffer is full
Continuous filling
The ADE9078 allows a selection of events to trigger waveform
buffer captures and there is an option to store the current waveform
buffer address during an event to allow the user to synchronize
the event with the waveform samples. The following waveform
buffer actions can be associated with an event when the buffer
is filling continuously:
Stop filling on trigger
Center capture around trigger
Save the event address and keep filling
Stop When Buffer Is Full Mode
The stop when buffer is full mode is enabled when WF_CAP_
SEL = 1 and the WF_MODE bits = 0 in the WFB_CFG register.
Set the WF_CAP_EN bit in the WFB_CFG register to start
filling the buffer from Address 0x800.
After Address 0xFFF in Page 15 is written, the filling operation
stops. To receive an indication when the buffer is full, set Bit 15
of the WFB_PG_IRQEN register prior to starting the capture.
Then, the PAGE_FULL bit in STATUS0 is set when the buffer is
full. This PAGE_FULL status change can be enabled to generate
an interrupt on IRQ0 as well.
To perform the next filling operation, disable the waveform
buffer by clearing bit WF_CAP_EN of the WFB_CFG register
to 0, and enable it again by setting the same bit to 1.
Continuous Fill Mode
Continuous fill mode is enabled when WF_CAP_SEL = 1 and
WF_MODE in the WFB_CFG register is equal to 1, 2, or 3.
Write the WF_CAP_EN bit in the WFB_CFG register to start
filling the buffer from Address 0x800.
In this mode, the waveform buffer is filled continuously. After
the entire buffer is filled up to Address 0xFFF, the filling
continues from Address 0x800 in a circular fashion.
In this mode, it is important to monitor the filling status of the
buffer using WFB_PG_IRQEN register in conjunction with the
PAGE_FULL bit in the STATUS0 register and WFB_LAST_PAGE
bits in the WFB_TRG_STAT register, as described in the
Waveform Buffer Filling Indication—Fixed Data Rate Samples
section. If the data is not read out of the buffer soon enough, it
is overwritten.
To restart the filling operation, disable the waveform buffer by
clearing the WF_CAP_EN bit of the WFB_CFG register, and
then enable it again by setting this bit.
It is recommended to read the WFB_LAST_PAGE register before
stopping the waveform buffer capture by clearing WF_CAP_EN
so that the page that contains the most recent valid data is known.
There are two variations on the continuous fill mode that stop
filling the waveform buffer based on a trigger event: stop filling
on trigger and center capture around trigger modes. These modes
are selected when WF_MODE = 1 and 2, respectively (see the
Stop Filling on Trigger and Center Capture Around Trigger
sections for more information).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com