Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 101 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 101 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 97Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 98Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 99Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 100Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 101Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 102Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 103Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 104Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 105Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 101 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 100 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
[11:9]
CF4SEL
Type of energy output on the CF4 pin. Configure
TERMSEL4 in the COMPMODE register to select
which phases are included.
0x0
R/W
000 Total active power.
001 Total reactive power.
010 Total apparent power.
100 Fundamental reactive power.
110 Total active power.
111 Total active power.
[8:6]
CF3SEL
Selects type of energy output on CF3 pin--see
CF4SEL.
0x0
R/W
[5:3]
CF2SEL
Selects type of energy output on CF2 pin--see
CF4SEL.
0x0
R/W
[2:0]
CF1SEL
Selects type of energy output on CF1 pin--see
CF4SEL.
0x0
R/W
0x491 COMPMODE
[15:12] RESERVED
Reserved.
0x0
R
[11:9]
TERMSEL4
Phases to include in CF4 pulse output. Set the
TERMSEL4[2] bit to one to include Phase C in the
CF4 pulse output. Similarly, set TERMSEL4[1] to
include Phase B and TERMSEL4[0] for Phase A.
0x0
R/W
[8:6]
TERMSEL3
Phases to include in CF3 pulse output--see
TERMSEL4.
0x0
R/W
[5:3]
TERMSEL2
Phases to include in CF2 pulse output--see
TERMSEL4.
0x0
R/W
[2:0]
TERMSEL1
Phases to include in CF1 pulse output--see
TERMSEL4.
0x0
R/W
0x492 ACCMODE
[15:9]
RESERVED
Reserved.
0x0
R
8
SELFREQ
This bit is used to configure the IC for a 50 Hz or
60 Hz system. This setting is used in the
fundamental reactive power measurement and to
set the default line period used for resampling
calculations if a zero crossing is not present.
0x0
R/W
0 50 Hz.
1 60 Hz.
7
ICONSEL
Set this bit to calculate the current flowing
through IB from the IA and IC measurements. If
this bit is set, IB = −IA − IC.
0x0
R/W
[6:4]
VCONSEL
Three-wire and four-wire hardware configuration
selection.
0x0
R/W
000 4-wire wye.
001 3-wire delta. VB' = VA − VC.
010 4-wire wye, non-Blondel compliant. VB' = −VA −
VC.
011 4-wire delta, non- Blondel compliant. VB' = −VA.
100 3-wire delta. VA' = VA − VB; VB' = VA − VC; VC' =
VC − VB.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com