Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EVAL-ADE9078EBZ Datasheet(PDF) 103 Page - Analog Devices

Part # EVAL-ADE9078EBZ
Description  High Performance
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-ADE9078EBZ Datasheet(HTML) 103 Page - Analog Devices

Back Button EVAL-ADE9078EBZ Datasheet HTML 99Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 100Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 101Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 102Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 103Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 104Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 105Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 106Page - Analog Devices EVAL-ADE9078EBZ Datasheet HTML 107Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 108 page
background image
ADE9078
Data Sheet
Rev. 0 | Page 102 of 107
Addr. Name
Bits
Bit Name
Settings Description
Reset
Access
5
CVARSIGN
Phase C reactive power sign bit. The
PWR_SIGN_SEL bit in the EP_CFG selects whether
this feature monitors total or fundamental reactive
power.
0x0
R
4
CWSIGN
Phase C active power sign bit.
0x0
R
3
BVARSIGN
Phase B reactive power sign bit. The
PWR_SIGN_SEL bit in the EP_CFG selects whether
this feature monitors total or fundamental reactive
power.
0x0
R
2
BWSIGN
Phase B active power sign bit.
0x0
R
1
AVARSIGN
Phase A reactive power sign bit. The
PWR_SIGN_SEL bit in the EP_CFG selects whether
this feature monitors total or fundamental reactive
power.
0x0
R
0
AWSIGN
Phase A active power sign bit.
0x0
R
0x4A0 WFB_CFG
[15:13] RESERVED
Reserved.
0x0
R
12
WF_IN_EN
This setting determines whether the IN waveform
samples are read out of the waveform buffer
through SPI.
0x0
R/W
0 IN waveform samples are not read out of
waveform buffer through SPI.
1 IN waveform samples are read out of waveform
buffer through SPI.
[11:10] RESERVED
Reserved.
0x0
R
[9:8]
WF_SRC
Waveform buffer source and DREADY, data ready
update rate, selection.
0x0
R/W
00 Sinc4 output, at 16 kSPS.
01 Reserved.
10 Sinc4 + IIR LPF output, at 4 kSPS.
11 Current and voltage channel waveform samples,
processed by the DSP (xI_PCF, xV_PCF) at 4 kSPS.
[7:6]
WF_MODE
Fixed data rate waveforms filling and trigger based
modes.
0x0
R/W
00 Stop when waveform buffer is full.
01 Continuous fill—stop only on enabled trigger
events.
10 Continuous filling—center capture around
enabled trigger events.
11 Continuous fill—save event address of enabled
trigger events.
5
WF_CAP_SEL
This bit selects whether the waveform buffer is
filled with resampled data or fixed data rate data,
selected in the WF_CAP_SEL bits.
0x0
R/W
0 Resampled data.
1 Fixed data rate data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com