Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 6 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 2Page - STMicroelectronics STBCFG01 Datasheet HTML 3Page - STMicroelectronics STBCFG01 Datasheet HTML 4Page - STMicroelectronics STBCFG01 Datasheet HTML 5Page - STMicroelectronics STBCFG01 Datasheet HTML 6Page - STMicroelectronics STBCFG01 Datasheet HTML 7Page - STMicroelectronics STBCFG01 Datasheet HTML 8Page - STMicroelectronics STBCFG01 Datasheet HTML 9Page - STMicroelectronics STBCFG01 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 37 page
background image
Pin configuration
STBCFG01
6/37
DocID026474 Rev 3
2
Pin configuration
Figure 2: Pin connections (top view)
Table 2: Pin description
Symbol
Ball
Pin function
Description
PMID
A1, B1
Power I/O
Reverse blocking MOSFET to high-side connection node
DCIN
A2, A3
Power I/O
Input supply voltage/OTG output
AGND
A4
Analog ground
Analog ground
VCELL-
A5
Analog input
Battery pack negative terminal sense input
CENn
B2
Digital input
Charger enable, active low. Internal 200 kΩ pull-down to
GND
SHDN
B3
Digital input
Shutdown input, active high. Internal 200 kΩ pull-down to
GND
RID
B4
Analog input
Battery identification resistor connection (for battery
detection). An external bias has to be applied
VCELL+
B5
Analog input
Battery pack positive terminal sense input
LX
C1, D1
Power I/O
Switch mode, inductor connection
IRQn
C2
Digital input
Open drain interrupt output, active low
DGND
C3
Digital ground
Digital ground
1V8
C4
Analog out
1.8 V internal regulator bypass pin. Bypass this pin to GND
with a capacitor of 220 nF. Do not connect any load
VREF
C5
Analog out
Reference voltage bypass pin. Do not connect any load
LDO
D2
Analog out
4.85 V LDO output
SDA
D3
Digital I/O
I²C data pin to the baseband, I²C master peripheral
SCL
D4
Digital input
I²C clock pin to the baseband, I²C master peripheral
R_SNS_N
D5, E5
Power I/O
Internal sense resistor, negative terminal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com