Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 16 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 12Page - STMicroelectronics STBCFG01 Datasheet HTML 13Page - STMicroelectronics STBCFG01 Datasheet HTML 14Page - STMicroelectronics STBCFG01 Datasheet HTML 15Page - STMicroelectronics STBCFG01 Datasheet HTML 16Page - STMicroelectronics STBCFG01 Datasheet HTML 17Page - STMicroelectronics STBCFG01 Datasheet HTML 18Page - STMicroelectronics STBCFG01 Datasheet HTML 19Page - STMicroelectronics STBCFG01 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 37 page
background image
Operation description
STBCFG01
16/37
DocID026474 Rev 3
When the battery is deeply discharged (VCELL+ < VTRK, VTRK = 2 V) the device is in trickle
charge mode and charges the battery in linear mode with a low current (ITRK = 45 mA) up to
the trickle charge threshold.
As soon as the battery voltage enters the pre-charge range (VTRK < VCELL+ < VPRE, VPRE = 3
V) the device starts the switch mode charging and increases the charging current up to the
pre-charge current level (IPRE) to make the system voltage rise quickly up to a level which
allows the system to wake up.
The typical value for the pre-charge current is 450 mA but this value can be decreased to
100 mA through the I²C compatible interface.
A 45 minute (typ.) safety timer is active during both trickle charge and pre-charge.
When the battery voltage is above the pre-charge threshold, the STBCFG01 enters fast
charge mode and increases the charging current up to IFAST value. The fast charge
current can be programmed through the I²C compatible interface between 550 mA and 1.2
A in 100 mA steps.
A soft-start function makes the battery current increase smoothly when the charging current
changes.
The constant voltage mode enters when the battery voltage reaches the programmable
floating voltage threshold (VFLOAT, 3.60 V to 4.70 V in 20 mV steps).
In constant voltage mode, the charging current tapers down the termination current
threshold and then the charging process stops. The termination current is programmable
from 50 mA to 300 mA in 25 mA steps.
A 360 minute (typ.) safety timer is active when the fast charge starts.
The charger can be disabled pulling high the charger enable input (CENn) and is
automatically stopped in automatic shutdown conditions (ASD, VDCIN - VBAT < VASD).
Figure 4: CC/CV charging cycle
5.1.1
Input current limit
The STBCFG01 implements a programmable input current limitation to prevent the battery
charger from exceeding DCIN voltage source current capability. The current limit can be
programmed through I²C to the following maximum values: 100 mA, 500 mA, 800 mA, 1.2
A. A “no limit” option is also available.
5.1.2
Dynamic input current limit (DICL)
Independently from the chosen input current limit, a dynamic input current limit loop can
also be enabled through the I²C compatible interface (DICL_en bit). When DICL is active,
an analog loop limits the input current when the input voltage drops to a programmable
threshold (VDICL = 4.0 V to 4.75 V in 250 mV steps).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com