Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 20 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 16Page - STMicroelectronics STBCFG01 Datasheet HTML 17Page - STMicroelectronics STBCFG01 Datasheet HTML 18Page - STMicroelectronics STBCFG01 Datasheet HTML 19Page - STMicroelectronics STBCFG01 Datasheet HTML 20Page - STMicroelectronics STBCFG01 Datasheet HTML 21Page - STMicroelectronics STBCFG01 Datasheet HTML 22Page - STMicroelectronics STBCFG01 Datasheet HTML 23Page - STMicroelectronics STBCFG01 Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 37 page
background image
Operation description
STBCFG01
20/37
DocID026474 Rev 3
5.5
Fuel gauge
The voltage mode fuel gauge provides the accurate information about the state of the
Lithium-Ion battery. Battery voltage is constantly monitored to evaluate the state of charge
of battery and open circuit voltage.
At power-up, the fuel gauge algorithm uses the voltage reading to provide a first evaluation
of SOC based on battery modeling data. The evolution of voltage is then used to track the
changes of SOC of battery while cycling. The external software driver performs the
temperature compensation.
Initial accuracy depends on the state of the battery. When the fuel gauge is active the
battery is supposed to be in fully relaxed state. If the battery is not fully relaxed the initial
error in the evaluation of the state of charge is high but converges to lower values while the
battery is being used.
The fuel gauge block can be adapted to different batteries. Programmable parameters are
used to tailor the algorithm to each battery model.
In order to keep the optimal performance and avoid losing information learned during
battery cycling, the user is supposed to save data contained in the device's volatile memory
when power is removed. The same data has to be restored at power-up.
The STBCFG01 also provides programmable alarms to notify low battery voltage and low
SOC conditions.
5.5.1
Operating mode
At start-up and when the battery voltage is below UVLO threshold, the fuel gauge is in
standby mode. This block is active when the battery voltage is above UVLO and GG_RUN
bit has been set through I²C. When the fuel gauge is in standby mode, all register values
are frozen and the algorithm does not run. In active mode, a voltage reading is acquired
every 4 seconds (tSTRB).
5.5.2
Battery connection
When a battery is connected, the device wakes up and attempts reading the battery
voltage before high current loads can change the open circuit voltage. The charging
process is inhibited until the battery voltage reading is completed. If the battery voltage is
too low, the charger is not inhibited to allow the battery to be charged up to a stable voltage
and avoid oscillations.
5.5.3
Low battery alarm
The voltage mode fuel gauge provides low SOC and low battery voltage alarms, which are
notified to the host through the active low open drain interrupt register (IRQn). Both of
alarms can be disabled clearing ALRM_en bit in FG_Mode register.
Low battery voltage threshold and low SOC threshold can be changed writing
ALARM_Voltage and ALARM_SOC registers. The default thresholds are 3.00 V battery
voltage and 1% SOC.
When a low battery voltage condition or a low SOC condition is detected and alarms are
enabled, the corresponding bit in FG_CTRL register is set (ALRM_VBAT or ALRM_SOC)
and IRQn output is pulled low.
ALRM_VBAT and ALRM_SOC bits have to be cleared by the host to release the interrupt
pin (if no other interrupt is active in the device).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com