Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 23Page - STMicroelectronics STBCFG01 Datasheet HTML 24Page - STMicroelectronics STBCFG01 Datasheet HTML 25Page - STMicroelectronics STBCFG01 Datasheet HTML 26Page - STMicroelectronics STBCFG01 Datasheet HTML 27Page - STMicroelectronics STBCFG01 Datasheet HTML 28Page - STMicroelectronics STBCFG01 Datasheet HTML 29Page - STMicroelectronics STBCFG01 Datasheet HTML 30Page - STMicroelectronics STBCFG01 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 37 page
background image
STBCFG01
I²C compatible interface registers
DocID026474 Rev 3
27/37
Default: 3.52 V (000000)
ARCHG: automatic recharge enable
0: disabled
1: enabled (default)
IRQ_CLR: clear interrupt latch
0: clear interrupt latch
1: propagate interrupt (default)
Table 20: CHG_Cfg3 register (address: 92h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
IBATLIM
VDICL
DICL_en
Iin_lim
61h
R/W
Iin_lim: input current limit (DCIN)
000: max.100 mA
001: max.
500 mA (default)
010: max. 800 mA
011: max. 1.2 A
100: no limit
Values 101 through 111: reserved
DICL_en: dynamic input current limit enable
0: disabled (default)
1: enabled
VDICL: dynamic input current limit threshold
00: 4.00 V
01: 4.25 V
10: 4.50 V (default)
11: 4.75 V
IBATLIM: OTG average battery current limit
00: 350 mA
01: 450 mA (default)
10: 550 mA
11: 950 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com