Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 17Page - STMicroelectronics STBCFG01 Datasheet HTML 18Page - STMicroelectronics STBCFG01 Datasheet HTML 19Page - STMicroelectronics STBCFG01 Datasheet HTML 20Page - STMicroelectronics STBCFG01 Datasheet HTML 21Page - STMicroelectronics STBCFG01 Datasheet HTML 22Page - STMicroelectronics STBCFG01 Datasheet HTML 23Page - STMicroelectronics STBCFG01 Datasheet HTML 24Page - STMicroelectronics STBCFG01 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 37 page
background image
STBCFG01
Operation description
DocID026474 Rev 3
21/37
If the alarm is cleared while the alarm condition is still true, the device does not generate
another interrupt: the alarm condition has to disappear and be detected again in order to
generate another interrupt.
At power-up or when the fuel gauge is reset, fuel gauge alarms are enabled and alarms are
generated after the first OCV reading and SOC estimation (if the alarm condition is true).
5.5.4
Battery swap
When the battery is removed from the system, the fuel gauge is reset to avoid providing
wrong battery information if a different battery is inserted.
In order to detect battery disconnection, the STBCFG01 monitors both the battery voltage
(VCELL+) and the voltage on RID pin connected to the battery identification resistor.
All volatile memory information is always lost when the battery voltage falls below POR
threshold.
Figure 9: Battery swap detection
5.6
Thermal shutdown
In any working condition, if the die temperature reaches the thermal shutdown threshold
(TSD = 165 °C typ.) the device enters shutdown mode: the bridge and LDO output turn off.
The fuel gauge keeps working normally. The operation is automatically restored when the
temperature falls back into the valid range. Safety timers are reset when a thermal
shutdown is triggered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com