Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 1 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 1 Page - STMicroelectronics

  STBCFG01 Datasheet HTML 1Page - STMicroelectronics STBCFG01 Datasheet HTML 2Page - STMicroelectronics STBCFG01 Datasheet HTML 3Page - STMicroelectronics STBCFG01 Datasheet HTML 4Page - STMicroelectronics STBCFG01 Datasheet HTML 5Page - STMicroelectronics STBCFG01 Datasheet HTML 6Page - STMicroelectronics STBCFG01 Datasheet HTML 7Page - STMicroelectronics STBCFG01 Datasheet HTML 8Page - STMicroelectronics STBCFG01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 37 page
background image
April 2016
DocID026474 Rev 3
1/37
This is information on a product in full production.
www.st.com
STBCFG01
Switch mode single cell Li+ battery charger with OTG boost,
voltage mode fuel gauge and LDO
Datasheet - production data
Features
High efficiency switching battery charger
2 MHz or 3 MHz switching frequency
1.2 A max. charging current
20 V tolerant input with OVP
Programmable input current limitation
and dynamic input current limit
Battery overvoltage protection
Auto-recharge
Integrated current sensing resistor
USB compatible
Voltage mode fuel gauge
External sensing resistor is not needed
Battery swap detection through ID
resistor
Low battery voltage and low SOC
programmable alarms
50 mA LDO for system boot in dead battery
condition
USB OTG VBUS generation (500 mA)
USB overvoltage protection
Programmable battery overcurrent
protection
Automatic 60 mA input pre-bias
I²C compatible control interface
Interrupt output pin
Flip Chip package, 25 bumps (2.3 x 2.2 mm)
Applications
Mobile phones
Smart phones
Description
The STBCFG01 is a switching battery charger
integrating the necessary functions to charge
single cell Li-Ion batteries, monitor the battery
charge and generate 5 V to supply USB OTG bus
powered devices.
The IC also integrates the LDO regulator to
support system boot in dead battery conditions.
The battery charger features a smart input
current limit: the maximum input current can be
selected through I²C and if the input voltage
drops below a programmable threshold, the input
current is reduced even if the selected maximum
current limit has not been reached yet. The
dynamic input current limit can be disabled.
An automatic input pre-bias load makes the
device suitable for applications using voltage
sources with a minimum external load for the
right regulation.
The STBCFG01 also integrates a voltage mode
fuel gauge to provide the state of charge
evaluation without the current sensing resistor.


Similar Part No. - STBCFG01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STBC02 STMICROELECTRONICS-STBC02 Datasheet
2Mb / 39P
Li-Ion linear battery charger with LDO, load switches and reset generator
02-Dec-2016
STBC02AJR STMICROELECTRONICS-STBC02AJR Datasheet
2Mb / 39P
Li-Ion linear battery charger with LDO, load switches and reset generator
02-Dec-2016
STBC02BJR STMICROELECTRONICS-STBC02BJR Datasheet
2Mb / 39P
Li-Ion linear battery charger with LDO, load switches and reset generator
02-Dec-2016
STBC02JR STMICROELECTRONICS-STBC02JR Datasheet
2Mb / 39P
Li-Ion linear battery charger with LDO, load switches and reset generator
02-Dec-2016
STBC03 STMICROELECTRONICS-STBC03 Datasheet
1Mb / 34P
Li-Ion linear battery charger with LDO and load switches
February 2017 Rev 2
More results

Similar Description - STBCFG01

ManufacturerPart #DatasheetDescription
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402 Datasheet
233Kb / 1P
Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR731ET KOA-UR731ET Datasheet
108Kb / 2P
current sensing chip resistor
UR73D1ET KOA-UR73D1ET Datasheet
131Kb / 4P
Current Sensing Chip Resistor
logo
MERITEK ELECTRONICS COR...
CSR MERITEK-CSR Datasheet
389Kb / 7P
Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR732ATTDR100F KOA-UR732ATTDR100F Datasheet
306Kb / 2P
current sensing chip resistor
logo
Riedon Powertron
CLS0402 RIEDON-CLS0402_13 Datasheet
168Kb / 2P
Current Sensing Chip Resistor
CLSA0402 RIEDON-CLSA0402 Datasheet
172Kb / 2P
Current Sensing Chip Resistor
logo
KOA Speer Electronics, ...
UR73 KOA-UR73 Datasheet
470Kb / 2P
current sensing chip resistor
logo
Stackpole Electronics, ...
CSRT SEI-CSRT Datasheet
367Kb / 8P
Thin Film Current Sensing Resistor
3/28/2022
BR_SERIES SEI-BR_SERIES Datasheet
331Kb / 5P
Bare Element Current Sensing Resistor
10/8/2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com