Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 21Page - STMicroelectronics STBCFG01 Datasheet HTML 22Page - STMicroelectronics STBCFG01 Datasheet HTML 23Page - STMicroelectronics STBCFG01 Datasheet HTML 24Page - STMicroelectronics STBCFG01 Datasheet HTML 25Page - STMicroelectronics STBCFG01 Datasheet HTML 26Page - STMicroelectronics STBCFG01 Datasheet HTML 27Page - STMicroelectronics STBCFG01 Datasheet HTML 28Page - STMicroelectronics STBCFG01 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 37 page
background image
STBCFG01
I²C compatible interface registers
DocID026474 Rev 3
25/37
Write this bit to 0 to clear the alarm. If the alarm condition is still active a new
alarm is triggered only on the following rising edge of the alarm condition (the
alarm condition has to disappear and then appear again).
ALRM_VBAT: low battery voltage alarm
0: battery voltage above threshold
1: low battery voltage
Write this bit to 0 to clear the alarm. If the alarm condition is still active a new
alarm is triggered only on the following rising edge of the alarm condition (the
alarm condition has to disappear and then appear again).
Table 9: SOC register LSB (register address: 02h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
SOC[7:0]
00h
R/W
Table 10: SOC register MSB (register address: 03h)
b15
B14
b13
b12
b11
b10
b9
b8
POR
R/W
SOC[15:8]
00h
R/W
SOC register LSb: 1/512% SOC
Table 11: VBAT register LSB (register address: 08h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
VBAT[7:0]
00h
R
Table 12: VBAT register MSB (register address: 09h)
b15
B14
b13
b12
b11
b10
b9
b8
POR
R/W
Reserved
VBAT[10:8]
00h
R
VBAT register LSb: 2.69 mV
Table 13: OCV register LSB (register address: 0Dh)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
OCV[7:0]
00h
R
Table 14: OCV register MSB (register address: 0Eh)
b15
B14
b13
b12
b11
b10
b9
b8
POR
R/W
Reserved
OCV[12:8]
00h
R
OCV register LSb: 0.67 mV
Table 15: VM_CNF register LSB (register address: 11h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
VM_CNF[7:0]
41h
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com