Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 15 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 15 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 11Page - STMicroelectronics STBCFG01 Datasheet HTML 12Page - STMicroelectronics STBCFG01 Datasheet HTML 13Page - STMicroelectronics STBCFG01 Datasheet HTML 14Page - STMicroelectronics STBCFG01 Datasheet HTML 15Page - STMicroelectronics STBCFG01 Datasheet HTML 16Page - STMicroelectronics STBCFG01 Datasheet HTML 17Page - STMicroelectronics STBCFG01 Datasheet HTML 18Page - STMicroelectronics STBCFG01 Datasheet HTML 19Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 37 page
background image
STBCFG01
Operation description
DocID026474 Rev 3
15/37
5
Operation description
5.1
Battery charger
The STBCFG01 integrates a high efficiency battery charger of 1.2 A implementing the
CC/CV charging algorithm for single cell Li-Ion battery powered applications. The switching
frequency can be either 2 MHz or 3 MHz, according to platform noise requirements, and
the inductor value is 1 μH. The charging current sensing resistor is integrated.
Figure 3: Simplified charger architecture



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com