Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 12 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 8Page - STMicroelectronics STBCFG01 Datasheet HTML 9Page - STMicroelectronics STBCFG01 Datasheet HTML 10Page - STMicroelectronics STBCFG01 Datasheet HTML 11Page - STMicroelectronics STBCFG01 Datasheet HTML 12Page - STMicroelectronics STBCFG01 Datasheet HTML 13Page - STMicroelectronics STBCFG01 Datasheet HTML 14Page - STMicroelectronics STBCFG01 Datasheet HTML 15Page - STMicroelectronics STBCFG01 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 37 page
background image
Electrical characteristics
STBCFG01
12/37
DocID026474 Rev 3
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VBUS
Output voltage at
VBUS_CON
4.75
5
5.25
V
IVBUS
Output current
capability
VBUS
≥ 4.75 V
500
mA
VBATUVLO
Battery undervoltage
lockout
Falling edge
3
V
Accuracy
-5
+5
%
VBUSOVP
Output overvoltage
protection
6
V
Accuracy
-5
+5
%
tVBUSOVP
VBUSOVP deglitch time
30
ms
IBATLIM
Battery average
current limitation
350
950
mA
Accuracy
-10
+10
%
ILMAX
Cycle-by-cycle
limitation
1.2
A
Z0
Output impedance in
OFF mode
100
kΩ
LDO output
VLDO
LDO output voltage
ILDO = 50 mA, VDCIN-
VLDO>300 mV
4.85
V
Accuracy
-4
+4
%
ILDO
LDO output current
VDCIN- VLDO > 300 mV
50
mA
ISC
LDO short-circuit
current
VLDO
≤ 4 V
75
mA
Accuracy
-27
+27
%
VDO
LDO dropout voltage
ILDO = 50 mA
150
300
mV
VINMIN
LDO input
undervoltage lockout
VDCIN rising
3.6
V
VDCIN falling
3.5
VINMIN accuracy
-5
+5
%
VINMAX
LDO input
overvoltage lockout
VDCIN rising
6.3
V
VDCIN falling
6.2
VINMAX accuracy
-5
+5
%
Fuel gauge
IFGQ
Fuel gauge quiescent
current
GG_RUN = 1
25
µA
GG_RUN = 0
2
UVLO
Fuel gauge
undervoltage lockout
Rising edge
2.0
2.6
2.7
V
Hysteresis
100
mV
fOSC
Internal time base
frequency
512
kHz
Time base accuracy
1
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com