Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 32 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 28Page - STMicroelectronics STBCFG01 Datasheet HTML 29Page - STMicroelectronics STBCFG01 Datasheet HTML 30Page - STMicroelectronics STBCFG01 Datasheet HTML 31Page - STMicroelectronics STBCFG01 Datasheet HTML 32Page - STMicroelectronics STBCFG01 Datasheet HTML 33Page - STMicroelectronics STBCFG01 Datasheet HTML 34Page - STMicroelectronics STBCFG01 Datasheet HTML 35Page - STMicroelectronics STBCFG01 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 37 page
background image
I²C compatible interface registers
STBCFG01
32/37
DocID026474 Rev 3
Table 28: Int_Latch_2 register format (register address: 9Ah)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
BAT_Fail
CHG_ON
TSHDN_LDO
OTG_short
Ibat_Lim
VBus_OVP
TSHDN
Bat_UVLO
00h
R/W
Write 0 to update these register bits.
Bat_UVLO: battery UVLO (OTG)
0: battery voltage above UVLO threshold during boost operation
1: battery voltage below UVLO threshold during boost operation
TSHDN: thermal shutdown
0: device in normal operation conditions
1: device in thermal shutdown
VBus_OVP: OTG boost output OVP
0: OTG boost output voltage below OVP threshold
1: OTG boost output voltage above OVP threshold
Ibat_Lim: OTG battery average current limit (has to be cleared by the host)
0: average battery current limit not reached during OTG boost operation
1: average battery current limit reached during OTG boost operation
OTG_short: OTG output short-circuit
0: OTG output short-circuit condition not detected
1: OTG output short-circuit condition detected
TSHDN_LDO: LDO thermal shutdown
0: LDO in normal operation conditions
1: LDO in thermal shutdown
CHG_ON: charger cycle start
0: charging cycle not active
1: charging cycle started
BAT_Fail: battery status (from state machine or RID)
0: battery connected/good battery
1: battery disconnected/not good



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com