Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 24 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 24 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 20Page - STMicroelectronics STBCFG01 Datasheet HTML 21Page - STMicroelectronics STBCFG01 Datasheet HTML 22Page - STMicroelectronics STBCFG01 Datasheet HTML 23Page - STMicroelectronics STBCFG01 Datasheet HTML 24Page - STMicroelectronics STBCFG01 Datasheet HTML 25Page - STMicroelectronics STBCFG01 Datasheet HTML 26Page - STMicroelectronics STBCFG01 Datasheet HTML 27Page - STMicroelectronics STBCFG01 Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 37 page
background image
I²C compatible interface registers
STBCFG01
24/37
DocID026474 Rev 3
6.1
Fuel gauge registers
Table 7: Fuel gauge mode register (address: 00h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
-
OTG_en
LPM_dis
GG_RUN
ALRM_en
-
-
-
19h
R/W
ALRM_en: fuel gauge alarm enable
0: disabled
1: enabled (default)
GG_RUN: fuel gauge operative mode
0: standby (default). Registers are frozen, fuel gauge in standby
1: running
LPM_dis: low power mode disable (set this bit to program battery charger/OTG
configuration registers and enable OTG function when USB input is not plugged and
GG_RUN = 0)
0: low power mode enabled (default)
1: low power mode disabled
OTG_en: OTG boost enable bit
0: disabled (default)
1: enabled
Table 8: FG_CTRL register (address: 01h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
-
ALRM_VBAT
ALRM_SOC
POR_Det
BAT_Fail
-
IODATA
15h
R/W
IODATA: IRQn pin status
Read:
0: IRQn pin is low
1: IRQn pin is high
Write:
0: forces IRQn pin low
1: IRQn pin is driven by interrupt logic
BAT_Fail: battery removal or battery UVLO detection bit. Write 0 to clear
0: battery connected
1: battery removed or UVLO
POR_Det: power-on reset detection bit. Write 1 to force a soft reset (self-clearing)
0: no POR event occurred
1: POR event occurred
ALRM_SOC: low SOC alarm
0: SOC OK
1: low SOC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com