Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 31 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 27Page - STMicroelectronics STBCFG01 Datasheet HTML 28Page - STMicroelectronics STBCFG01 Datasheet HTML 29Page - STMicroelectronics STBCFG01 Datasheet HTML 30Page - STMicroelectronics STBCFG01 Datasheet HTML 31Page - STMicroelectronics STBCFG01 Datasheet HTML 32Page - STMicroelectronics STBCFG01 Datasheet HTML 33Page - STMicroelectronics STBCFG01 Datasheet HTML 34Page - STMicroelectronics STBCFG01 Datasheet HTML 35Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 37 page
background image
STBCFG01
I²C compatible interface registers
DocID026474 Rev 3
31/37
OTG_short: OTG output short-circuit
CHG_ON: charging started
BAT_Fail: battery fail
Table 27: Int_Latch_1 register format (register address: 99h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
EOC
Bat_OVP
WD
Fast_TMR
Pre_TMR
ASD
IN_OVP
IN_UVLO
00h
R/W
This register is cleared upon read operation.
IN_UVLO: charger input voltage UVLO
0: charger input voltage is above UVLO
1: charger input voltage is below UVLO
IN_OVP: charger input voltage OVP
0: charger input voltage is below OVP
1: charger input voltage is above OVP
ASD: automatic shutdown condition
0: charger input voltage above the automatic shutdown threshold
1: charger input voltage below the automatic shutdown threshold
Pre_TMR: pre-charge timer expiration (has to be cleared by the host)
0: pre-charge timer running
1: pre-charge timer expired
Fast_TMR: fast charge timer expiration (has to be cleared by the host)
0: fast charge timer running
1: fast charge timer expired
WD: watchdog timer expiration (has to be cleared by the host)
0: watchdog timer running
1: watchdog timer expired
Bat_OVP: battery overvoltage protection
0: battery voltage below OVP threshold during charging
1: battery voltage above OVP threshold during charging
EOC: end-of-charge (termination current reached)
0: termination current not reached
1: termination current reached



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com