Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 5 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 5 Page - STMicroelectronics

  STBCFG01 Datasheet HTML 1Page - STMicroelectronics STBCFG01 Datasheet HTML 2Page - STMicroelectronics STBCFG01 Datasheet HTML 3Page - STMicroelectronics STBCFG01 Datasheet HTML 4Page - STMicroelectronics STBCFG01 Datasheet HTML 5Page - STMicroelectronics STBCFG01 Datasheet HTML 6Page - STMicroelectronics STBCFG01 Datasheet HTML 7Page - STMicroelectronics STBCFG01 Datasheet HTML 8Page - STMicroelectronics STBCFG01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
STBCFG01
Application schematic
DocID026474 Rev 3
5/37
1
Application schematic
Figure 1: STBCFG01 application schematic
Table 1: Typical bill of material (BOM)
Component name
Size
Value
Supplier
Part number
C1
0603
10 µF, 16 V
MURATA
GRM188R61C106MA73D
C2
0603
4.7 µF, 25 V
TDK
C1608X5R1E475K080AC
C3
0402
1 µF, 16 V
MURATA
GRM155R61C105KA12D
C4
0603
4.7 µF, 25 V
TDK
C1608X5R1E475K080AC
C5
0603
1 µF, 16 V
MURATA
GRM185R61C105KE44
C6
0603
10 µF, 16 V
MURATA
GRM188R61C106MA73D
C7
0603
100 nF, 25 V
MURATA
GRM188R71H104KA93
C8
0603
1 µF, 16 V
MURATA
GRM185R61C105KE44
C9
0603
1 µF, 16 V
MURATA
GRM185R61C105KE44
L1
2.5 x 2.2 mm
1 µH, 2.2 A
TDK
VLS252012ET-1R0N



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com