Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 30 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 30 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 26Page - STMicroelectronics STBCFG01 Datasheet HTML 27Page - STMicroelectronics STBCFG01 Datasheet HTML 28Page - STMicroelectronics STBCFG01 Datasheet HTML 29Page - STMicroelectronics STBCFG01 Datasheet HTML 30Page - STMicroelectronics STBCFG01 Datasheet HTML 31Page - STMicroelectronics STBCFG01 Datasheet HTML 32Page - STMicroelectronics STBCFG01 Datasheet HTML 33Page - STMicroelectronics STBCFG01 Datasheet HTML 34Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 37 page
background image
I²C compatible interface registers
STBCFG01
30/37
DocID026474 Rev 3
Table 24: CHG_Status2 register format (register address: 96h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
-
-
-
-
-
DET_ok
DET_run
DICL
C0h
R
DICL: dynamic input current limit activation
0: not active
1: active
DET_run: charger battery detection status
0: battery detection does not run
1: battery detection runs
DET_Fail: charger battery detection result
0: battery connected
1: battery not connected
Table 25: Int_Enable_1 register format (register address: 97h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
EOC
Bat_OVP
WD
Fast_TMR
Pre_TMR
ASD
IN_OVP
IN_UVLO
00h
R
For all bits
Write 1 to propagate the event to IRQn
Write 0 to mask the event (default)
IN_UVLO: charger input voltage UVLO
IN_OVP: charger input voltage OVP
ASD: automatic shutdown condition
Pre_TMR: pre-charge timer expiration
Fast_TMR: fast charge timer expiration
WD: watchdog timer expiration
Bat_OVP: battery overvoltage protection
EOC: end-of-charge (termination current reached)
Table 26: Int_Enable_2 register format (register address: 98h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
BAT_Fail
CHG_ON
-
OTG_short
Ibat_Lim
VBus_OVP
TSHDN
Bat_UVLO
00h
R/W
For all bits:
Write 1 to propagate the event to IRQn
Write 0 to mask the event (default)
Bat_UVLO: battery UVLO (OTG)
TSHDN: thermal shutdown
VBus_OVP: OTG boost output OVP
Ibat_Lim: OTG battery average current limit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com