Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 22Page - STMicroelectronics STBCFG01 Datasheet HTML 23Page - STMicroelectronics STBCFG01 Datasheet HTML 24Page - STMicroelectronics STBCFG01 Datasheet HTML 25Page - STMicroelectronics STBCFG01 Datasheet HTML 26Page - STMicroelectronics STBCFG01 Datasheet HTML 27Page - STMicroelectronics STBCFG01 Datasheet HTML 28Page - STMicroelectronics STBCFG01 Datasheet HTML 29Page - STMicroelectronics STBCFG01 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 37 page
background image
I²C compatible interface registers
STBCFG01
26/37
DocID026474 Rev 3
Table 16: ALARM_SOC register (address: 13h)
b15
B14
b13
b12
b11
b10
b9
b8
POR
R/W
VM_CNF[15:8]
01h
R
ALARM_SOC register LSb: 0.5%
Table 17: ALARM_Voltage register (address: 14h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
ALARM_Voltage
AAh
R/W
ALARM_Voltage register LSb: 21.49 mV
6.2
Charger/OTG/LDO registers
Table 18: CHG_Cfg1 register
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
ITERM
IPRE
ifast
40h
R/W
IFAST: fast charge current
Offset: 550 mA
LSb: 100 mA
Range: 550 mA to 1250 mA
Default: 550 mA (000)
IPRE: pre-charge current
0: 450 mA (default)
1: 100 mA
ITERM: termination current
Offset: 50 mA
LSb: 25 mA
Range: 50 mA to 300 mA
Default: 150 mA (0100)
Values 1011 through 1111: reserved
Table 19: CHG_Cfg2 register (address: 91h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
IRQ_CLR
ARCHG
VFLOAT
C0h
R/W
VFLOAT: floating voltage
Offset: 3.52 V
LSb: 20 mV
Range: 3.52 V to 4.78 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com