Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 19 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 15Page - STMicroelectronics STBCFG01 Datasheet HTML 16Page - STMicroelectronics STBCFG01 Datasheet HTML 17Page - STMicroelectronics STBCFG01 Datasheet HTML 18Page - STMicroelectronics STBCFG01 Datasheet HTML 19Page - STMicroelectronics STBCFG01 Datasheet HTML 20Page - STMicroelectronics STBCFG01 Datasheet HTML 21Page - STMicroelectronics STBCFG01 Datasheet HTML 22Page - STMicroelectronics STBCFG01 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 37 page
background image
STBCFG01
Operation description
DocID026474 Rev 3
19/37
The device also features an output overvoltage protection which turns off OTG boost if the
output voltage rises above VBUSOVP. If the overvoltage lasts for more than tVBUSOVP, OTG
boost is disabled and an alarm is generated.
Together with the standard cycle-by-cycle current limit for the inductor peak current, the
STBCFG01 also implements an average battery current limitation to avoid excessive
battery voltage drop during peaks in system current consumption. When the average boost
input current reaches the programmed limit (IBATLIM = 350 mA, 450 mA, 550 mA, 950 mA),
OTG boost is disabled and an alarm is generated.
5.3
LDO regulator
The STBCFG01 integrates a 4.85 V, 50 mA LDO regulator which is active when DCIN
voltage is higher than VINMIN and lower then VINMAX. LDO is also active when the battery is
not connected and in OTG mode, while it is turned off in automatic shutdown conditions
(VDCIN - VCELL+ < VASD). LDO function can be disabled through I²C and its output is
protected against short-circuit.
5.4
Pre-bias
In order to allow proper functionality with input sources not integrating the necessary
minimum load to provide a valid voltage, the STBCFG01 integrates an automatic pre-bias
circuit: if the input voltage (VDCIN) is above the input OVP threshold but lower than the pre-
bias OVP threshold (VINOVP < VDCIN < VINOVP_PB) a pre-bias current is applied to DCIN to
attempt reducing the input voltage down to a valid level. During the charging cycle, if the
pre-bias current has been activated, it is kept on only during trickle charge and taper
charge. The pre-bias current is also turned off in automatic shutdown conditions (ASD).
The pre-bias current is active only if the input voltage is in the activation range for at least
tPBD (5 ms typ.). The pre-bias function can be disabled through I²C.
Figure 8: Pre-bias enable strategy



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com