Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 13 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 9Page - STMicroelectronics STBCFG01 Datasheet HTML 10Page - STMicroelectronics STBCFG01 Datasheet HTML 11Page - STMicroelectronics STBCFG01 Datasheet HTML 12Page - STMicroelectronics STBCFG01 Datasheet HTML 13Page - STMicroelectronics STBCFG01 Datasheet HTML 14Page - STMicroelectronics STBCFG01 Datasheet HTML 15Page - STMicroelectronics STBCFG01 Datasheet HTML 16Page - STMicroelectronics STBCFG01 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 37 page
background image
STBCFG01
Electrical characteristics
DocID026474 Rev 3
13/37
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
tSTRB
ADC conversion
strobe
4
s
tSWAP
Battery swap deglitch
time
1
s
VBATERR
VBAT measurement
error
-0.5
+0.5
%
VBATRES
VBAT measurement
resolution
OCV reading
2.69
mV
VBATRNG
VBAT measurement
range
2.5
5.5
V
VRIDTH
RID threshold
1.2
1.25
1.3
V
Hysteresis
0.130
V
I²C compatible interface
VIH
High level input
voltage
1.3
V
VIL
Low level input
voltage
0.6
V
VOL
Low level output
voltage at 10 mA sink
current for open drain
I/O
0.3
V
CIO
I/O pin capacitance
10
pF
fSCL
SCL clock frequency
400
kHz
tLOW
Minimum clock low
period
1.3
µs
tHIGH
Minimum clock high
period
600
ns
tF
SDA and SCL fall
time
300
ns
tHOLD_STA
Start condition hold
time
600
ns
tSU_STA
Start condition set-up
time
600
ns
tSU_DAT
Data set-up time
100
ns
tHOLD_DAT
Data hold time
0
µs
tSU_STO
Stop condition set-up
time
600
ns
tBUF
Minimum delay
between operations
1.3
µs
Digital interface
VIH
Input high threshold
1.3
V
VIL
Input low threshold
0.6
V
VOL
Output low threshold
0.3
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com