Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 3 Page - STMicroelectronics

  STBCFG01 Datasheet HTML 1Page - STMicroelectronics STBCFG01 Datasheet HTML 2Page - STMicroelectronics STBCFG01 Datasheet HTML 3Page - STMicroelectronics STBCFG01 Datasheet HTML 4Page - STMicroelectronics STBCFG01 Datasheet HTML 5Page - STMicroelectronics STBCFG01 Datasheet HTML 6Page - STMicroelectronics STBCFG01 Datasheet HTML 7Page - STMicroelectronics STBCFG01 Datasheet HTML 8Page - STMicroelectronics STBCFG01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 37 page
background image
STBCFG01
List of tables
DocID026474 Rev 3
3/37
List of tables
Table 1: Typical bill of material (BOM)........................................................................................................5
Table 2: Pin description ..............................................................................................................................6
Table 3: Absolute maximum ratings ...........................................................................................................8
Table 4: Thermal data.................................................................................................................................8
Table 5: Electrical characteristics ...............................................................................................................9
Table 6: Register map...............................................................................................................................23
Table 7: Fuel gauge mode register (address: 00h) ..................................................................................24
Table 8: FG_CTRL register (address: 01h) ..............................................................................................24
Table 9: SOC register LSB (register address: 02h) ..................................................................................25
Table 10: SOC register MSB (register address: 03h) ...............................................................................25
Table 11: VBAT register LSB (register address: 08h) ..............................................................................25
Table 12: VBAT register MSB (register address: 09h) .............................................................................25
Table 13: OCV register LSB (register address: 0Dh) ...............................................................................25
Table 14: OCV register MSB (register address: 0Eh) ..............................................................................25
Table 15: VM_CNF register LSB (register address: 11h) .........................................................................25
Table 16: ALARM_SOC register (address: 13h) ......................................................................................26
Table 17: ALARM_Voltage register (address: 14h) ..................................................................................26
Table 18: CHG_Cfg1 register ...................................................................................................................26
Table 19: CHG_Cfg2 register (address: 91h) ...........................................................................................26
Table 20: CHG_Cfg3 register (address: 92h) ...........................................................................................27
Table 21: CHG_Cfg4 register format (register address: 93h)...................................................................28
Table 22: CHG_Cfg5_OTG_Status register format (register address: 94h) ............................................28
Table 23: CHG_Status1 register format (register address: 95h) ..............................................................29
Table 24: CHG_Status2 register format (register address: 96h) ..............................................................30
Table 25: Int_Enable_1 register format (register address: 97h) ...............................................................30
Table 26: Int_Enable_2 register format (register address: 98h) ...............................................................30
Table 27: Int_Latch_1 register format (register address: 99h) .................................................................31
Table 28: Int_Latch_2 register format (register address: 9Ah) .................................................................32
Table 29: Flip Chip 25 (2.3 x 2.2 mm) option H package mechanical data ..............................................34
Table 30: Ordering information .................................................................................................................35
Table 31: Document revision history ........................................................................................................36



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com