Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 14Page - STMicroelectronics STBCFG01 Datasheet HTML 15Page - STMicroelectronics STBCFG01 Datasheet HTML 16Page - STMicroelectronics STBCFG01 Datasheet HTML 17Page - STMicroelectronics STBCFG01 Datasheet HTML 18Page - STMicroelectronics STBCFG01 Datasheet HTML 19Page - STMicroelectronics STBCFG01 Datasheet HTML 20Page - STMicroelectronics STBCFG01 Datasheet HTML 21Page - STMicroelectronics STBCFG01 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 37 page
background image
Operation description
STBCFG01
18/37
DocID026474 Rev 3
Figure 7: Battery charger flowchart
5.1.5
Battery overvoltage protection
If the battery voltage exceeds the battery overvoltage protection threshold (VBATOVP = VFLOAT
+ 100 mV) for more than tBOVP, the charging cycle stops and an alarm is generated. The
battery overvoltage protection is active only when the charger is enabled. The charger
automatically restarts when the battery voltage falls below the battery overvoltage
protection threshold.
5.2
OTG boost
The STBCFG01's internal bridge can be used in boost configuration to generate USB OTG
VBUS voltage (5 V, 500 mA).
OTG boost generator can be enabled setting the dedicated I²C enable bit (OTG_en)
according to the following conditions:
VDCIN < VINUVLO
CENn = high
VCELL+ > VBATUVLO
OTG boost operation is automatically stopped if the battery voltage falls below VBATUVLO
or if CENn is pulled low during operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com