Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 17 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 13Page - STMicroelectronics STBCFG01 Datasheet HTML 14Page - STMicroelectronics STBCFG01 Datasheet HTML 15Page - STMicroelectronics STBCFG01 Datasheet HTML 16Page - STMicroelectronics STBCFG01 Datasheet HTML 17Page - STMicroelectronics STBCFG01 Datasheet HTML 18Page - STMicroelectronics STBCFG01 Datasheet HTML 19Page - STMicroelectronics STBCFG01 Datasheet HTML 20Page - STMicroelectronics STBCFG01 Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 37 page
background image
STBCFG01
Operation description
DocID026474 Rev 3
17/37
Figure 5: DICL activation
When a valid input source is connected to DCIN, DICL is enabled only if the input voltage is
higher than VDICL for a deglitch time (tDICL = 100 ms). The user can check the enabling
status of DICL function reading DICL status bit. Once DICL is enabled it can be disabled
through DICL_en bit.
Figure 6: DICL enable strategy
5.1.3
Automatic recharge
When the charging cycle is over, the device keeps monitoring the battery voltage: if the
voltage drops below the auto-recharge threshold (VRCHG = VFLOAT - 120 mV), a new
charging cycle starts to keep the battery at maximum capacity. The automatic recharge
function can be disabled through I²C.
5.1.4
Battery detection
The battery charger IC features a battery detection function to check if a battery is inserted
before starting the charging cycle and to make sure that charging termination is not
triggered because of a battery disconnection. If the battery is not detected when the input
voltage is valid, the device keeps running the detection sequence until a battery is inserted.
The battery detection result is reported by DET_ok bit. If the battery detection function or
RID comparator detects a battery disconnection, BAT_Fail interrupt is generated. See the
battery detection algorithm flowchart for more details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com