Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 23 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 19Page - STMicroelectronics STBCFG01 Datasheet HTML 20Page - STMicroelectronics STBCFG01 Datasheet HTML 21Page - STMicroelectronics STBCFG01 Datasheet HTML 22Page - STMicroelectronics STBCFG01 Datasheet HTML 23Page - STMicroelectronics STBCFG01 Datasheet HTML 24Page - STMicroelectronics STBCFG01 Datasheet HTML 25Page - STMicroelectronics STBCFG01 Datasheet HTML 26Page - STMicroelectronics STBCFG01 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 37 page
background image
STBCFG01
I²C compatible interface registers
DocID026474 Rev 3
23/37
6
I²C compatible interface registers
The STBCFG01 can be monitored and controlled using the I²C compatible communication
interface. The 7-bit device slave address is 1110001BIN. The table below shows the register
map.
Table 6: Register map
Name
Address
POR value
R/W
Fuel gauge
FG_Mode
00h
19h
R/W
FG_CTRL
01h
15h
R/W
SOC
02h-03h
0000h
R/W
VBAT
08h-09h
0000h
R
OCV
0Dh-0Eh
0000h
R
VM_CNF
11h-12h
0141h
R/W
ALARM_SOC
13h
02h
R/W
ALARM_Voltage
14h
AAh
R/W
REG_ID
18h
14h
R
RAM0…RAM15
20h…2Fh
-
R/W
OCV_ADJ
30h…3Fh
-
R/W
LUT
5Dh…8Ch
-
R/W
Charger/OTG
CHG_Cfg1
90h
00h
R/W
CHG_Cfg2
91h
62h
R/W
CHG_Cfg3
92h
61h
R/W
CHG_Cfg4
93h
4Fh
R/W
CHG_Cfg5_OTG_Status
94h
06h
R/W
CHG_Status1
95h
00h
R
CHG_Status2
96h
C0h
R
Int_Enable_1
97h
00h
R/W
Int_Enable_2
98h
00h
R/W
Int_Latch_1
99h
00h
R/W
Int_Latch_2
9Ah
00h
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com