Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 28 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 28 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 24Page - STMicroelectronics STBCFG01 Datasheet HTML 25Page - STMicroelectronics STBCFG01 Datasheet HTML 26Page - STMicroelectronics STBCFG01 Datasheet HTML 27Page - STMicroelectronics STBCFG01 Datasheet HTML 28Page - STMicroelectronics STBCFG01 Datasheet HTML 29Page - STMicroelectronics STBCFG01 Datasheet HTML 30Page - STMicroelectronics STBCFG01 Datasheet HTML 31Page - STMicroelectronics STBCFG01 Datasheet HTML 32Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 37 page
background image
I²C compatible interface registers
STBCFG01
28/37
DocID026474 Rev 3
Table 21: CHG_Cfg4 register format (register address: 93h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
RID_STAT
LDO_en
LDO_UVLO_th
WD
PreB_en
THRML
TFAST
TPRE
4Fh
R/W
TPRE: pre-charge timer enable
0: disabled
1: enabled (default)
TFAST: fast charge timer enable
0: disabled
1: enabled (default)
THRML: thermal loop enable (this bit can be masked through OTP)
0: disabled
1: enabled (default)
PreB_en: pre-bias function enable
0: disabled
1:enabled (default)
WD: watchdog timer function enable
0: disabled (default)
1: enabled
LDO_UVLO_th: LDO UVLO threshold
0:3.6 V rising, 3.5 V falling (default)
1: 4.75 V rising, 4.65 V falling
LDO_en: LDO output enable
0: LDO output disabled
1:LDO output enabled (default)
RID_STAT: RID status (read only)
0: RID connected
1: RID disconnected
Table 22: CHG_Cfg5_OTG_Status register format (register address: 94h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
BST_SH
BST_status
-
DICHG_adj
FSW
CHG_rst
06h
R/W
b0, b1, b2 are R/W; b4, b5, b6, b7 are read status bit only.
CHG_rst: charger reset, all charger registers to POR value. Self-clearing.
0: no action (default)
1: reset charger



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com