Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 7Page - STMicroelectronics STBCFG01 Datasheet HTML 8Page - STMicroelectronics STBCFG01 Datasheet HTML 9Page - STMicroelectronics STBCFG01 Datasheet HTML 10Page - STMicroelectronics STBCFG01 Datasheet HTML 11Page - STMicroelectronics STBCFG01 Datasheet HTML 12Page - STMicroelectronics STBCFG01 Datasheet HTML 13Page - STMicroelectronics STBCFG01 Datasheet HTML 14Page - STMicroelectronics STBCFG01 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
STBCFG01
Electrical characteristics
DocID026474 Rev 3
11/37
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Fast charge current
accuracy
-10
10
%
ITERM
Termination current
50
300
mA
Termination current
accuracy
-30
30
%
tTERM
Charge termination
deglitch time
170
ms
VTRK
Trickle charge to pre-
charge battery voltage
threshold
2
V
VTRK accuracy
-5
+5
%
tTPD
Trickle charge to pre-
charge threshold
deglitch time
100
ms
VPRE
Pre-charge to fast
charge battery voltage
threshold
3
V
VPRE accuracy
-5
+5
%
tPFD
Pre-charge to fast
charge threshold
deglitch time
170
ms
VDETH
Battery detection high
threshold
3
V
VDETL
Battery detection low
threshold
2
V
IDETSNK
Sink detection current
-5
mA
tDETSRC
Current source
detection time
340
ms
tDETSNK
Current sink detection
time
200
ms
RON_HI
High-side MOSFET
on- resistance
(including reverse
blocking MOFET)
300
mΩ
RON_LOW
Low-side MOSFET
on- resistance
125
mΩ
RSNS
Internal sensing
resistor
35
68
mΩ
tMAXPRE
Maximum pre-charge
time
Including trickle charge
45
min.
tMAXCHG
Maximum fast charge
time
Including taper charge
360
min.
OTG boost regulator
IBQ
Boost quiescent
current
VBAT = 3.7 V, no load
4
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com