Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STBCFG01 Datasheet(PDF) 29 Page - STMicroelectronics

Part # STBCFG01
Description  Integrated current sensing resistor
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STBCFG01 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button STBCFG01 Datasheet HTML 25Page - STMicroelectronics STBCFG01 Datasheet HTML 26Page - STMicroelectronics STBCFG01 Datasheet HTML 27Page - STMicroelectronics STBCFG01 Datasheet HTML 28Page - STMicroelectronics STBCFG01 Datasheet HTML 29Page - STMicroelectronics STBCFG01 Datasheet HTML 30Page - STMicroelectronics STBCFG01 Datasheet HTML 31Page - STMicroelectronics STBCFG01 Datasheet HTML 32Page - STMicroelectronics STBCFG01 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 37 page
background image
STBCFG01
I²C compatible interface registers
DocID026474 Rev 3
29/37
FSW: switching frequency. The switching frequency can be changed only when the device
doesn’t switch. SHDN input should be pulled high before modifying this setting.
0: 2 MHz
1: 3 MHz (default)
DICHG_adj: dynamic charging current adjustment enable (for soft-current transitions)
0: disabled
1: enabled (default)
BST_status: OTG boost status
000: idle
001: wait soft-start
010: linear soft-start
011: switching soft-start
100: frequency ramp-up
101: OTG_run
110: PMOS-off
111: shutdown
BST_SH: OTG boost output short at beginning
0: no short detected (default)
1: short detected
Table 23: CHG_Status1 register format (register address: 95h)
b7
b6
b5
b4
b3
b2
b1
b0
POR
R/W
CHG_status
PreB_st
PreB
Alarm
00h
R
Alarm: alarm state
0: no alarm is active
1: alarm condition detected
PreB: pre-bias current activation
0: pre-bias current has not been activated
1: pre-bias current has been activated (VINOVP < VDCIN < VINOVP_PB for more than tPBD)
PreB_st: pre-bias current sink status
0: pre-bias current sink is currently off
1: pre-bias current sink is currently on
CHG_status: charger status
00000: idle
00001: trickle charge
00010: pre-charge
00011: fast charge
00100: taper charge (constant voltage)
00101: charge done (termination)
00110: boost on
00111: shutdown
01000: battery detection running



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com