Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 6 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 2Page - STMicroelectronics LED6000 Datasheet HTML 3Page - STMicroelectronics LED6000 Datasheet HTML 4Page - STMicroelectronics LED6000 Datasheet HTML 5Page - STMicroelectronics LED6000 Datasheet HTML 6Page - STMicroelectronics LED6000 Datasheet HTML 7Page - STMicroelectronics LED6000 Datasheet HTML 8Page - STMicroelectronics LED6000 Datasheet HTML 9Page - STMicroelectronics LED6000 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 49 page
background image
Pin settings
LED6000
6/49
DocID027777 Rev 2
2.2
Pin description
Table 1. Pin description
No.
Pin
Description
1
VBIAS
Auxiliary input that can be used to supply a part of the analog circuitry to increase the
efficiency at the light-load. Connect to GND if not used or bypass with a 1 µF ceramic
capacitor if supplied by an auxiliary rail.
2
VIN
DC input voltage
3
VIN
DC input voltage
4VCC
Filtered DC input voltage to the internal circuitry. Bypass to the signal GND by a 1 µF
ceramic capacitor.
5
EN
Active high enable pin. Connect to the VCC pin if not used.
6SS
An internal current generator (5 µA typ.) charges the external capacitor to implement
the soft-start.
7
SYNCH Master / slave synchronization
8COMP
Output of the error amplifier. The designed compensation network is connected at
this pin.
9
FB
Inverting input of the error amplifier
10
FSW
A pull-down resistor to GND selects the switching frequency.
11
ILIM
A pull-down resistor to GND selects the peak current limitation.
12
DIM
A PWM signal in this input pin implements the LED PWM current dimming. It's pulled-
down by an internal 2 µA current.
13
LX
Switching node
14
LX
Switching node
15
BOOT
Connect an external capacitor (100 nF typ.) between BOOT and LX pins. The gate
charge required to drive the internal n-DMOS is recovered by an internal regulator
during the off-time.
16
GND
Signal GND
--
E. P.
The exposed pad must be connected to the signal GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com