Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 12 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 8Page - STMicroelectronics LED6000 Datasheet HTML 9Page - STMicroelectronics LED6000 Datasheet HTML 10Page - STMicroelectronics LED6000 Datasheet HTML 11Page - STMicroelectronics LED6000 Datasheet HTML 12Page - STMicroelectronics LED6000 Datasheet HTML 13Page - STMicroelectronics LED6000 Datasheet HTML 14Page - STMicroelectronics LED6000 Datasheet HTML 15Page - STMicroelectronics LED6000 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 49 page
background image
Functional description
LED6000
12/49
DocID027777 Rev 2
If the FSW pin is left floating, the programmed frequency is 250 kHz (typ.); if the FSW pin is
connected to an external resistor, the programmed switching frequency can be increased up
to 1.5 MHz, as shown in Figure 5. The required RFSW value (expressed in k) is estimated
by Equation 1:
Equation 1
Figure 5. Switching frequency programmability
To improve the line transient performance, keeping the PWM gain constant versus the input
voltage, the input voltage feedforward is implemented by changing the slope of the sawtooth
ramp, according to the input voltage change (Figure 6 a).
The slope of the sawtooth also changes if the oscillator frequency is programmed by the
external resistor. In this way a frequency feedforward is implemented (Figure 6 b) in order to
keep the PWM modulator gain constant versus the switching frequency.
On the SYNCH pin the synchronization signal is generated. This signal has a phase shift of
180° with respect to the clock. This delay is useful when two devices are synchronized
connecting the SYNCH pins together. When SYNCH pins are connected, the device with
a higher oscillator frequency works as a master, so the slave device switches at the
frequency of the master but with a delay of half a period. This helps reducing the RMS
current flowing through the input capacitor. Up to five LED6000s can be connected to the
same SYNCH pin; however, the clock phase shift from master switching frequency to the
slave input clock is 180°.
The LED6000 device can be synchronized to work at a higher frequency, in the range of
250 kHz - 1500 kHz, providing an external clock signal on the SYNCH pin. The
synchronization changes the sawtooth amplitude, also affecting the PWM gain (Figure 6 c).
This change must be taken into account when the loop stability is studied. In order to
FSW
SW
R
kHz
F
12500
250



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com