Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 29 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 25Page - STMicroelectronics LED6000 Datasheet HTML 26Page - STMicroelectronics LED6000 Datasheet HTML 27Page - STMicroelectronics LED6000 Datasheet HTML 28Page - STMicroelectronics LED6000 Datasheet HTML 29Page - STMicroelectronics LED6000 Datasheet HTML 30Page - STMicroelectronics LED6000 Datasheet HTML 31Page - STMicroelectronics LED6000 Datasheet HTML 32Page - STMicroelectronics LED6000 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 49 page
background image
DocID027777 Rev 2
29/49
LED6000
Application notes - step-down conversion
49
As shown in Equation 16, fz depends on the output capacitor parasitic resistance and on the
LEDs dynamic resistance. Following the considerations summarized in Section 5.2 on
page 25, in the typical application the programmed control loop bandwidth (BW) might be
higher than fz, so this zero helps stabilize the loop. If this assumption is verified, a type II
compensation network is required for loop stabilization.
In Figure 17 the type II compensation network is shown.
Figure 17. Type II compensation network
The type II compensation network transfer function, from VSNS to COMP, is computed in
Equation 19.
Equation 19
Equation 20
The following suggestions can be followed for a quite common compensation strategy,
assuming that CP << CF.
Starting from Equation 18, the control loop gain module at s = 2
* FBW allows to fix the
RF/RU ratio:
Equation 21
After choosing the regulator bandwidth (typically FBW < 0.2 * FSW) and a value for RU,
usually between 1 k
 and 50 k, in order to achieve CF and CP not comparable with

F
P
F
P
U
P
F
P
F
F
Z
R
C
C
f
R
C
C
f
R
C
f
//
2
1
;
2
1
;
2
1
1
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com