Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LED6000 Datasheet(PDF) 7 Page - STMicroelectronics

Part # LED6000
Description  3 A, 61 V monolithic current source with dimming capability
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LED6000 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button LED6000 Datasheet HTML 3Page - STMicroelectronics LED6000 Datasheet HTML 4Page - STMicroelectronics LED6000 Datasheet HTML 5Page - STMicroelectronics LED6000 Datasheet HTML 6Page - STMicroelectronics LED6000 Datasheet HTML 7Page - STMicroelectronics LED6000 Datasheet HTML 8Page - STMicroelectronics LED6000 Datasheet HTML 9Page - STMicroelectronics LED6000 Datasheet HTML 10Page - STMicroelectronics LED6000 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 49 page
background image
DocID027777 Rev 2
7/49
LED6000
Pin settings
49
2.3
Maximum ratings
2.4
Thermal data
2.5
ESD protection
Table 2. Absolute maximum ratings
Symbol
Description
Min.
Max.
Unit
VIN
-0.3
61
V
VCC
-0.3
61
V
BOOT
VBOOT - GND
-0.3
65
V
VBOOT - VLX
-0.3
4
V
VBIAS
-0.3
VCC
V
EN
-0.3
VCC
V
DIM
-0.3
VCC
V
LX
-0.3
VIN + 0.3
V
SYNCH
-0.3
5.5
V
SS
-0.3
3.6
V
FSW
-0.3
3.6
V
COMP
-0.3
3.6
V
ILIM
-0.3
3.6
V
FB
-0.3
3.6
V
TJ
Operating temperature range
-40
150
°C
TSTG
Storage temperature range
-65
150
°C
TLEAD
Lead temperature (soldering 10 sec.)
260
°C
IHS
High-side RMS current
3
A
Table 3. Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction ambient (device soldered on the
STMicroelectronics® demonstration board)
40
°C/W
Table 4. ESD protection
Symbol
Test condition
Value
Unit
ESD
HBM
2
KV
CDM
500
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com